Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3900H2EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3900H2EVKIT
Description  USB HID Communications Module for Evaluation Kits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3900H2EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3900H2EVKIT Datasheet HTML 2Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 3Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 4Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 5Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 6Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 7Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 8Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 9Page - Maxim Integrated Products DS3900H2EVKIT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Maxim Integrated │ 6
DS3900H2
www.maximintegrated.com
USB HID Communications Module for
Evaluation Kits
Designing Hardware to Utilize the Built-In
Support for SPI Devices
The IC has custom firmware that utilizes a master
synchronous serial port (MSSP) of the microcontroller
configured in SPI mode, which allows fast communication
toSPIdevices.Toutilizethisfirmware,connectCEtoP6,
the MISO bus to P11, the MOSI bus to P9, and the SCK
bustoP10,asshowninFigure3.TheIChasbuilt-inpul-
lup resistors (R11, R12) that connect 4.7kΩ resistors to
both MISO and SCK; this is not applicable for SPI com-
munication and must be removed.
FordesignsthatonlyusetheICtocommunicatetoSPI
devices, the following items must be accounted for in the
hardware design:
● Place the mating connectors on the circuit board
(seeFigure5).
● ConnectVCCandallthreeGNDgroundterminals.
● ConnectCEtoP6,theMISObustoP11,theMOSIbus
to P9, and the SCK bus to P10 of the IC.
● Removethebuilt-inpullupresistors(R11,R12).
● Drive the IC with evaluation software provided by
Maxim Integrated.
Designing Hardware to Utilize the General-
Purpose Bit I/O Signals
Utilizing the IC for general-purpose bit I/O is equally
simple as using it for I2CandSPIapplications.AlltheI/O
pins with the exception of P3 have three-state outputs.
These signals can be written to a 0 or a 1 and can be
read as inputs.
P3 has an open-drain output and can be read as an input
pin as well; however, its default function is a system pulse
that provides a visual indication, through the attached
LED, that the IC is operating properly (see Figure 7).
The P3 pin defaults to a slow-pulsing output that can be
disabled, but designs using P3 for I/O should be con-
scious that the IC could attempt to blink P3 before the
pulse function is disabled.As long as the IC connected
to P3 is tolerant of this behavior, P3 can be used as an
additional I/O. When using P3 as an I/O pin with the
attached LED, writing it to a 1 turns off the pulldown
transistor, which turns the LED off, and writing it to a 0
turnsthepulldownandtheLEDon.
Figure 3. DS3900H2 Typical I2C Operating Circuit
MINI-USB
CABLE
HID CLASS
PC
P1
P2
HB/P3
MCLR
GND
P4
P5
GND
P11-SDA
P10-SCL
GND
VDUT*
R12
VCC
VCC
GND
SCL
I2C
BUS
I2C
DEVICE #1
VCC
P9
P8
P7
P6
USB MODULE
DS3900H2
R11
VCC
SDA
VCC
GND
SCL
I2C
DEVICE #2
SDA
* VDUT AND GND MUST BE PROVIDED
FROM EXTERNAL SUPPLY.


Similar Part No. - DS3900H2EVKIT

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
More results

Similar Description - DS3900H2EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com