Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3900H2 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3900H2
Description  USB HID Communications Module for Evaluation Kits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3900H2 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3900H2 Datasheet HTML 5Page - Maxim Integrated Products DS3900H2 Datasheet HTML 6Page - Maxim Integrated Products DS3900H2 Datasheet HTML 7Page - Maxim Integrated Products DS3900H2 Datasheet HTML 8Page - Maxim Integrated Products DS3900H2 Datasheet HTML 9Page - Maxim Integrated Products DS3900H2 Datasheet HTML 10Page - Maxim Integrated Products DS3900H2 Datasheet HTML 11Page - Maxim Integrated Products DS3900H2 Datasheet HTML 12Page - Maxim Integrated Products DS3900H2 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Maxim Integrated │ 9
DS3900H2
www.maximintegrated.com
USB HID Communications Module for
Evaluation Kits
Figure 6. DS3900H2 Dimensions
Note: The IC mates with standard 2.54mm (0.100in) 2 x 8 male header connectors. These connectors do not come standard with
the board.
Table 3. Description of LEDs
TOP
FRONT
SIDE
0.57in
0.400in
0.335in
1.22in
1.147in
0.815in
0.100in
0.025in
0.155in
0.335in
0.400in
0.57in
0.100in
1.200in
0.025in
0.305in
1.329in
1.300in
1.370in
LED
COLOR
DESCRIPTION
D1(FAULT)
Red
USB Power Fault:Afaultoccurredduetoovervoltagelimit,currentlimit,or
thermal limit.
D2 (COM)
Red
Communication:Afterthesoftwarehasinitializedthehardware,theLED
flashesredwhenacommandfromthePCisreceived.
Redandflashingorange
Waiting: Hardware is powered on and waiting for the software to be opened.


Similar Part No. - DS3900H2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900EVKIT MAXIM-DS3900EVKIT Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
More results

Similar Description - DS3900H2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com