Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCG103EH300 Datasheet(PDF) 3 Page - TDK Electronics

Part # NTCG103EH300
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG103EH300 Datasheet(HTML) 3 Page - TDK Electronics

  NTCG103EH300 Datasheet HTML 1Page - TDK Electronics NTCG103EH300 Datasheet HTML 2Page - TDK Electronics NTCG103EH300 Datasheet HTML 3Page - TDK Electronics NTCG103EH300 Datasheet HTML 4Page - TDK Electronics NTCG103EH300 Datasheet HTML 5Page - TDK Electronics NTCG103EH300 Datasheet HTML 6Page - TDK Electronics NTCG103EH300 Datasheet HTML 7Page - TDK Electronics NTCG103EH300 Datasheet HTML 8Page - TDK Electronics NTCG103EH300 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(2/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS
Dimensions in mm
RECOMMENDED PC BOARD PATTERN
Dimensions in mm
STRUCTURAL DIAGRAM
RECOMMENDED REFLOW SOLDERING CONDITIONS
Type
L
W
T
B
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.1 min.
1005
1±0.05
0.5±0.05
0.5±0.05
0.1 min.
1608
1.6±0.1
0.8±0.1
0.8±0.1
0.2 min.
2012
2±0.2
1.25±0.2
0.7±0.2
0.2 min.
Type
a
b
c
0603
0.25 to 0.35
0.2 to 0.3
0.25 to 0.35
1005
0.3 to 0.5
0.35 to 0.45
0.4 to 0.6
1608
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
2012
0.9 to 1.2
0.7 to 0.9
0.9 to 1.2
L
Electrode material
Internal:Pd
External:Ag/Ni/Sn
B
a
b
b
Thermistor body
(Metal oxide sintering ceramics)
Inner electrode
(Palladium)
Sn plating
Ni plating
Ag termination
underlayer
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
60s max.
220˚C
250˚C
260˚C max.
180˚C
150˚C
Time(s)


Similar Part No. - NTCG103EH300

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG103EH300 TDK-NTCG103EH300 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG103EH300 TDK-NTCG103EH300 Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG103EH300JT1 TDK-NTCG103EH300JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Protection Device)
More results

Similar Description - NTCG103EH300

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH103HT1 TDK-NTCG104BH103HT1 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com