Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608C0G1E103J Datasheet(PDF) 6 Page - TDK Electronics

Part # C1608C0G1E103J
Description  C Series Commercial Grade High Voltage (1000V and over)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1E103J Datasheet(HTML) 6 Page - TDK Electronics

  C1608C0G1E103J Datasheet HTML 1Page - TDK Electronics C1608C0G1E103J Datasheet HTML 2Page - TDK Electronics C1608C0G1E103J Datasheet HTML 3Page - TDK Electronics C1608C0G1E103J Datasheet HTML 4Page - TDK Electronics C1608C0G1E103J Datasheet HTML 5Page - TDK Electronics C1608C0G1E103J Datasheet HTML 6Page - TDK Electronics C1608C0G1E103J Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 3KV
Rated Voltage Edc: 2KV
Rated Voltage Edc: 1KV
470 pF
4520
1.30 ± 0.20
± 10%
C4520JB3D471K130KA
C4520JB3A471K130KA
± 20%
C4520JB3D471M130KA
C4520JB3A471M130KA
1 nF
4520
1.30 ± 0.20
± 10%
C4520JB3D102K130KA
C4520JB3A102K130KA
± 20%
C4520JB3D102M130KA
C4520JB3A102M130KA
2.2 nF
4532
1.30 ± 0.20
± 10%
C4532JB3D222K130KA
± 20%
C4532JB3D222M130KA
4.7 nF
4532
1.60 ± 0.20
± 10%
C4532JB3A472K160KA
± 20%
C4532JB3A472M160KA
10 nF
4532
2.00 ± 0.20
± 10%
C4532JB3A103K200KA
± 20%
C4532JB3A103M200KA
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 3KV
Rated Voltage Edc: 2KV
Rated Voltage Edc: 1KV
10 pF
4520
0.85 ± 0.15
± 1pF
C4520C0G3F100F085KA
12 pF
4520
0.85 ± 0.15
± 10%
C4520C0G3F120K085KA
15 pF
4520
1.10 ± 0.20
± 10%
C4520C0G3F150K110KA
18 pF
4520
1.10 ± 0.20
± 10%
C4520C0G3F180K110KA
22 pF
4520
1.10 ± 0.20
± 10%
C4520C0G3F220K110KA
27 pF
4520
1.60 ± 0.20
± 10%
C4520C0G3F270K160KA
33 pF
4520
1.60 ± 0.20
± 10%
C4520C0G3F330K160KA
39 pF
4520
1.60 ± 0.20
± 10%
C4520C0G3F390K160KA
47 pF
4520
1.60 ± 0.20
± 10%
C4520C0G3F470K160KA
56 pF
4520
2.00 ± 0.20
± 10%
C4520C0G3F560K200KA
68 pF
4520
2.00 ± 0.20
± 10%
C4520C0G3F680K200KA
82 pF
4520
2.00 ± 0.20
± 10%
C4520C0G3F820K200KA
100 pF
4520
2.00 ± 0.20
± 10%
C4520C0G3F101K200KA
4532
1.60 ± 0.20
± 10%
C4532C0G3F101K160KA
120 pF
4532
1.60 ± 0.20
± 10%
C4532C0G3F121K160KA
150 pF
4532
1.60 ± 0.20
± 10%
C4532C0G3F151K160KA
180 pF
4532
1.60 ± 0.20
± 10%
C4532C0G3F181K160KA
220 pF
4532
2.00 ± 0.20
± 10%
C4532C0G3F221K200KA
270 pF
4532
2.30 ± 0.20
± 10%
C4532C0G3F271K230KA
330 pF
4532
2.50 ± 0.30
± 10%
C4532C0G3F331K250KA
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 3KV
Rated Voltage Edc: 2KV
Rated Voltage Edc: 1KV
10 pF
4520
0.85 ± 0.15
± 1pF
C4520CH3F100F085KA
12 pF
4520
0.85 ± 0.15
± 10%
C4520CH3F120K085KA
15 pF
4520
1.10 ± 0.20
± 10%
C4520CH3F150K110KA
18 pF
4520
1.10 ± 0.20
± 10%
C4520CH3F180K110KA
22 pF
4520
1.10 ± 0.20
± 10%
C4520CH3F220K110KA
27 pF
4520
1.60 ± 0.20
± 10%
C4520CH3F270K160KA
33 pF
4520
1.60 ± 0.20
± 10%
C4520CH3F330K160KA
39 pF
4520
1.60 ± 0.20
± 10%
C4520CH3F390K160KA
47 pF
4520
1.60 ± 0.20
± 10%
C4520CH3F470K160KA
56 pF
4520
2.00 ± 0.20
± 10%
C4520CH3F560K200KA
68 pF
4520
2.00 ± 0.20
± 10%
C4520CH3F680K200KA
82 pF
4520
2.00 ± 0.20
± 10%
C4520CH3F820K200KA
100 pF
4520
2.00 ± 0.20
± 10%
C4520CH3F101K200KA
4532
1.60 ± 0.20
± 10%
C4532CH3F101K160KA
120 pF
4532
1.60 ± 0.20
± 10%
C4532CH3F121K160KA
150 pF
4532
1.60 ± 0.20
± 10%
C4532CH3F151K160KA
180 pF
4532
1.60 ± 0.20
± 10%
C4532CH3F181K160KA
220 pF
4532
2.00 ± 0.20
± 10%
C4532CH3F221K200KA
270 pF
4532
2.30 ± 0.20
± 10%
C4532CH3F271K230KA
330 pF
4532
2.50 ± 0.30
± 10%
C4532CH3F331K250KA
Class 1 (Temperature Compensating)
Temperature Characteristics: CH(-25 to +85ºC, 0 ± 60 ppm/ºC)
Page 5
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C1608C0G1E103J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1E103J TDK-C1608C0G1E103J Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J TDK-C1608C0G1E103J Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J TDK-C1608C0G1E103J Datasheet
885Kb / 20P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J TDK-C1608C0G1E103J Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
C1608C0G1E103J TDK-C1608C0G1E103J Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C1608C0G1E103J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F150K110KA TDK-C4520CH3F150K110KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F330K160KA TDK-C4520CH3F330K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F680K200KA TDK-C4520CH3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520X7R3A471M130KA TDK-C4520X7R3A471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F151K160KA TDK-C4532C0G3F151K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F271K230KA TDK-C4532C0G3F271K230KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F331K250KA TDK-C4532C0G3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F181K160KA TDK-C4532CH3F181K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F331K250KA TDK-C4532CH3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com