Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV25T-1R5M-EFR Datasheet(PDF) 10 Page - TDK Electronics

Part # NLCV25T-1R5M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-1R5M-EFR Datasheet(HTML) 10 Page - TDK Electronics

Back Button NLCV25T-1R5M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 10Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 11Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 12Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 13Page - TDK Electronics NLCV25T-1R5M-EFR Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
(8/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω )±20%
Rated current
(mA)max.
Part No.
0.1
±20%
10
25.2
800
0.02
2850
NLCV32T-R10M-
R
0.15
±20%
10
25.2
500
0.024
2600
NLCV32T-R15M-
R
0.22
±20%
10
25.2
400
0.027
2400
NLCV32T-R22M-
R
0.33
±20%
10
25.2
300
0.035
2100
NLCV32T-R33M-
R
0.47
±20%
10
25.2
250
0.038
2000
NLCV32T-R47M-
R
0.68
±20%
10
25.2
180
0.045
1900
NLCV32T-R68M-
R
1
±20%
15
7.96
100
0.055
1700
NLCV32T-1R0M-
R
1.5
±20%
15
7.96
80
0.095
1400
NLCV32T-1R5M-
R
2.2
±20%
15
7.96
68
0.115
1200
NLCV32T-2R2M-
R
3.3
±20%
15
7.96
54
0.16
1000
NLCV32T-3R3M-
R
4.7
±20%
15
7.96
46
0.2
900
NLCV32T-4R7M-
R
6.8
±20%
15
7.96
38
0.29
700
NLCV32T-6R8M-
R
10
±10%
20
2.52
30
0.42
600
NLCV32T-100K-
R
3.2
±0.2
2.5
±0.2
(0.4)
Terminal
electrode
1.9
±0.1
100
Weight: 50mg
Inductor
Pattern
1.2
2
1.2
Dimensions in mm
1
0.01
100
10
0.1
1
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
1
10
100000
10000
1000
100
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
10
100
1000
10000
DC current(mA)
0.01
100
10
0.1
1
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH


Similar Part No. - NLCV25T-1R5M-EFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-1R5M-EFR TDK-NLCV25T-1R5M-EFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-1R5M-EFRD TDK-NLCV25T-1R5M-EFRD Datasheet
254Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV25T-1R5M-EFR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com