Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-06WH6327 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BAR64-06WH6327
Description  High voltage current controlled RF resistor for RF attenuator and switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-06WH6327 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BAR64-06WH6327 Datasheet HTML 7Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 8Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 9Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 10Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 11Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 12Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 13Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 14Page - Infineon Technologies AG BAR64-06WH6327 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2011-07-18
11
BAR64...
Package SOD323


Similar Part No. - BAR64-06WH6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-06W SIEMENS-BAR64-06W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06W INFINEON-BAR64-06W Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
BAR64-06W INFINEON-BAR64-06W Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-06W INFINEON-BAR64-06W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-06W INFINEON-BAR64-06W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR64-06WH6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BA595 INFINEON-BA595_14 Datasheet
986Kb / 11P
   Current-controlled RF resistor for switching and attenuating applications
2014-02-11
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Siemens Semiconductor G...
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com