Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV25T-150K-PF Datasheet(PDF) 1 Page - TDK Electronics

Part # NLCV25T-150K-PF
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-150K-PF Datasheet(HTML) 1 Page - TDK Electronics

  NLCV25T-150K-PF Datasheet HTML 1Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 2Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 3Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 4Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 5Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 6Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 7Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 8Page - TDK Electronics NLCV25T-150K-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Inductors for Decoupling Circuits
Wound/For Current
NLCV/NLC series
Type:
Issue date:
NLCV25
2520[1008 inch]*
NLCV32
3225[1210 inch]
NLCV25T-R
2520[1008 inch]
NLCV32T-R
3225[1210 inch]
NLC453232
4532[1812 inch]
NLC565050
5650[2220 inch]
* Dimensions Code JIS[EIA]
September 2011


Similar Part No. - NLCV25T-150K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-150K-PF TDK-NLCV25T-150K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV25T-150K-PF TDK-NLCV25T-150K-PF Datasheet
196Kb / 4P
   Inductors (Coils)
NLCV25T-150K-PFD TDK-NLCV25T-150K-PFD Datasheet
196Kb / 4P
   Inductors (Coils)
More results

Similar Description - NLCV25T-150K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com