Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL565050 Datasheet(PDF) 6 Page - TDK Electronics

Part # NL565050
Description  Inductors for Standard Circuits Wound Ferrite
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL565050 Datasheet(HTML) 6 Page - TDK Electronics

Back Button NL565050 Datasheet HTML 2Page - TDK Electronics NL565050 Datasheet HTML 3Page - TDK Electronics NL565050 Datasheet HTML 4Page - TDK Electronics NL565050 Datasheet HTML 5Page - TDK Electronics NL565050 Datasheet HTML 6Page - TDK Electronics NL565050 Datasheet HTML 7Page - TDK Electronics NL565050 Datasheet HTML 8Page - TDK Electronics NL565050 Datasheet HTML 9Page - TDK Electronics NL565050 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
(5/12)
INDUC
T
O
RS
001-01 / 20130516 / e511_nl.fm
• All specifications are subject to change without notice.
NL series 
NL453232 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(MHz)
min.
DC resistance
(
Ω )
max.
Rated current
(mA)
max.
Part No.
(µH)
Tolerance
1
±5%
50
7.96
100
0.5
450
NL453232T-1R0J-PF
1.2
±5%
50
7.96
80
0.55
430
NL453232T-1R2J-PF
1.5
±5%
50
7.96
70
0.6
410
NL453232T-1R5J-PF
1.8
±5%
50
7.96
60
0.65
390
NL453232T-1R8J-PF
2.2
±5%
50
7.96
55
0.7
380
NL453232T-2R2J-PF
2.7
±5%
50
7.96
50
0.75
370
NL453232T-2R7J-PF
3.3
±5%
50
7.96
45
0.8
355
NL453232T-3R3J-PF
3.9
±5%
50
7.96
40
0.9
330
NL453232T-3R9J-PF
4.7
±5%
50
7.96
35
1
315
NL453232T-4R7J-PF
5.6
±5%
50
7.96
33
1.1
300
NL453232T-5R6J-PF
6.8
±5%
50
7.96
27
1.2
285
NL453232T-6R8J-PF
8.2
±5%
50
7.96
25
1.4
270
NL453232T-8R2J-PF
10
±5%
50
2.52
20
1.6
250
NL453232T-100J-PF
12
±5%
50
2.52
18
2
225
NL453232T-120J-PF
15
±5%
50
2.52
17
2.5
200
NL453232T-150J-PF
18
±5%
50
2.52
15
2.8
190
NL453232T-180J-PF
22
±5%
50
2.52
13
3.2
180
NL453232T-220J-PF
27
±5%
50
2.52
12
3.6
170
NL453232T-270J-PF
33
±5%
50
2.52
11
4
160
NL453232T-330J-PF
39
±5%
50
2.52
10
4.5
150
NL453232T-390J-PF
47
±5%
50
2.52
10
5
140
NL453232T-470J-PF
56
±5%
50
2.52
9
5.5
135
NL453232T-560J-PF
68
±5%
50
2.52
9
6
130
NL453232T-680J-PF
82
±5%
50
2.52
8
7
120
NL453232T-820J-PF
100
±5%
40
0.796
8
8
110
NL453232T-101J-PF
120
±5%
40
0.796
6
8
110
NL453232T-121J-PF
150
±5%
40
0.796
5
9
105
NL453232T-151J-PF
180
±5%
40
0.796
5
9.5
102
NL453232T-181J-PF
220
±5%
40
0.796
4
10
100
NL453232T-221J-PF
270
±5%
40
0.796
4
12
92
NL453232T-271J-PF
330
±5%
40
0.796
3.5
14
85
NL453232T-331J-PF
390
±5%
40
0.796
3
16
80
NL453232T-391J-PF
470
±5%
40
0.796
3
26
62
NL453232T-471J-PF
560
±5%
30
0.796
3
30
50
NL453232T-561J-PF
680
±5%
30
0.796
3
30
50
NL453232T-681J-PF
820
±5%
30
0.796
2.5
35
30
NL453232T-821J-PF
1000
±5%
30
0.252
2.5
40
30
NL453232T-102J-PF
Measurement item
Product No.
Manufacturer
L, Q
4194A
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NL565050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL565050 TDK-NL565050 Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL565050T TDK-NL565050T Datasheet
119Kb / 4P
   SMD
NL565050T TDK-NL565050T Datasheet
61Kb / 2P
   For General Applications
NL565050T-103J-PF TDK-NL565050T-103J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL565050T-122J-PF TDK-NL565050T-122J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
More results

Similar Description - NL565050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com