Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGP20N6S2 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGP20N6S2
Description  600V, SMPS II Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGP20N6S2 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGP20N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGP20N6S2 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A2
Figure 7. Turn-On Energy Loss vs Collector to
Emitter Current
Figure 8. Turn-Off Energy Loss vs Collector to
Emitter Current
Figure 9. Turn-On Delay Time vs Collector to
Emitter Current
Figure 10. Turn-On Rise Time vs Collector to
Emitter Current
Figure 11. Turn-Off Delay Time vs Collector to
Emitter Current
Figure 12. Fall Time vs Collector to Emitter
Current
Typical Performance Curves (Continued)
150
ICE , COLLECTOR TO EMITTER CURRENT (A)
100
200
0
400
24
68
10
14
0
300
250
350
50
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
12
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 125
oC, V
GE = 10V, VGE = 15V
TJ = 25
oC, V
GE = 10V, VGE = 15V
24
68
10
14
012
150
100
200
0
350
300
250
50
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
6
7
8
9
10
2
4
6
8
10
14
0
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
11
12
13
12
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
TJ = 25
oC, T
J = 125
oC, V
GE =15V
2
4
6
8
10
14
012
0
5
10
15
20
25
30
35
RG = 25Ω, L = 500µH, VCE = 390V
80
60
ICE, COLLECTOR TO EMITTER CURRENT (A)
140
120
100
VGE = 10V, VGE = 15V, TJ = 25
oC
VGE = 10V, VGE = 15V, TJ = 125
oC
2
4
6
8
10
14
012
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, V
GE = 10V or 15V
TJ = 125
oC, V
GE = 10V or 15V
2
4
6
8
10
14
012
60
40
120
100
80
RG = 25Ω, L = 500µH, VCE = 390V


Similar Part No. - FGP20N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

Similar Description - FGP20N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com