Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH20N6S2D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGH20N6S2D
Description  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH20N6S2D Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGH20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGH20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A1
Figure 19. Diode Forward Current vs Forward
Voltage Drop
Figure 20. Recovery Times vs Forward Current
Figure 21. Recovery Times vs Rate of Change of
Current
Figure 22. Stored Charge vs Rate of Change of
Current
Figure 23. Reverse Recovery Softness Factor vs
Rate of Change of Current
Figure 24. Maximum Reverse Recovery Current vs
Rate of Change of Current
Typical Performance Curves (Continued)
0.5
1.0
1.5
2.5
VEC, FORWARD VOLTAGE (V)
02.0
0
2
25oC
125oC
14
8
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%,
3.0
4
6
12
10
200
100
0
IEC, FORWARD CURRENT (A)
014
4
2
125oC ta
125oC tb, trr
12
810
6
dIEC/dt = 200A/µs, VCE = 390V
50
150
250
25oC tb, trr
25o ta
25oC tb
IEC = 7A, VCE = 390V
dIEC/dt, RATE OF CHANGE OF CURRENT (A/µs)
40
0
60
80
100
160
20
1000
200
300
600
400
500
125oC tb
125oC ta
25oC ta
140
120
700
800
900
250
200
150
100
dIEC/dt, RATE OF CHANGE OF CURRENT (A/µs)
300
500
125oC, IEC = 7A
125oC, IEC = 3.5A
25oC, IEC = 3.5A
25oC, IEC = 7A
VCE = 390V
350
1000
200
300
600
400
500
700
800
900
450
400
dIEC/dt, CURRENT RATE OF CHANGE (A/µs)
3.0
5.0
4.5
6.0
5.5
IEC = 3.5A
4.0
3.5
1000
200
300
600
400
500
700
800
900
IEC = 7A
VCE = 390V, TJ = 125°C
dIEC/dt, CURRENT RATE OF CHANGE (A/µs)
3
5
4
10
6
IEC = 7A
IEC = 3.5A
7
VCE = 390V, TJ = 125°C
9
8
1000
200
300
600
400
500
700
800
900


Similar Part No. - FGH20N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

Similar Description - FGH20N6S2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com