Electronic Components Datasheet Search |
|
CD90-B2GA391KYGSA Datasheet(PDF) 2 Page - TDK Electronics |
|
CD90-B2GA391KYGSA Datasheet(HTML) 2 Page - TDK Electronics |
2 / 3 page (1/2) 005-03 / 20111003 / e4b3_cd.fm • All specifications are subject to change without notice. Mid-high Voltage Ceramic Capacitors(Disk with Lead) Safety Standard Approved CD Series REINFORCED INSULATION TYPE/Operating temperature range: –25 to +105°C(UL standard: –25 to +85°C) CLASS 2 HIGH DIELECTRIC FEATURES • Flame-resistant reinforced outer insulation prevents fires, electri- cal shock, and other potential hazards. • Compliant with the safety standards of 11 countries. • This ceramic capacitor meets European Class II (reinforced insulation) Safety Standards VDE, SEV, SEMKO, BS. Since it is rated at a withstand voltage of AC.4000V, it can be used in single-unit configurations within European Class II devices. • This product is compatible with halogen-free external resin coating (we recommend halogen-free products as standard). CAPACITANCE TEMPERATURE CHARACTERISTICS AND TOLERANCE PRODUCT IDENTIFICATION (1) Type (2) Shape (3) Capacitance temperature characteristics (4) Rated voltage (5) Nominal capacitance (6) Capacitance tolerance (7) Class (8) Lead type (9) Safety standard (10) Halogen-free compatible product CAPACITANCE AND DIMENSIONS ∗ : Lead shape symbol LIST OF STANDARD LEAD SHAPES The lead type is indicated by the letter which is the 15th character of the product name. Dimensions in mm • We recommend using a vertical kink type. • For bulk products, we recommend a short lead type with the symbol N. Conformity to RoHS Directive Temperature characteristics Test temperature range Capacitance tolerance B(±10%) –25 to +85°C K(±10%) E(+20, –55%) –25 to +85°C M(±20%) CD 12 -E 2GA 222 M Y N S A (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) Part No. Capacitance temperature characteristics Capacitance (pF) Capacitance tolerance Dimensions(mm) Halogen-free product Current product D max. T max. F d CD70-B2GA101KY ∗SA CD70-B2GA101KY ∗S B(±10%) 100 K(±10%) 7.0 7.0 10+2, –1 0.6±0.05 CD70-B2GA151KY SA CD70-B2GA151KY S 150 K(±10%) 7.0 7.0 10+2, –1 0.6±0.05 CD85-B2GA221KY SA CD85-B2GA221KY S 220 K(±10%) 8.5 7.0 10+2, –1 0.6±0.05 CD90-B2GA331KY SA CD90-B2GA331KY S 330 K(±10%) 9.0 7.0 10+2, –1 0.6±0.05 CD90-B2GA391KY SA CD90-B2GA391KY S 390 K(±10%) 9.0 7.0 10+2, –1 0.6±0.05 CD95-B2GA471KY SA CD95-B2GA471KY S 470 K(±10%) 9.5 7.0 10+2, –1 0.6±0.05 CD75-E2GA681MY SA CD75-E2GA681MY S E(+20, –55%) 680 M(±20%) 7.5 7.0 10+2, –1 0.6±0.05 CD85-E2GA102MY SA CD85-E2GA102MY S 1,000 M(±20%) 8.5 7.0 10+2, –1 0.6±0.05 CD10-E2GA152MY SA CD10-E2GA152MY S 1,500 M(±20%) 10.0 7.0 10+2, –1 0.6±0.05 CD12-E2GA222MY SA CD12-E2GA222MY S 2,200 M(±20%) 11.5 7.0 10+2, –1 0.6±0.05 CD14-E2GA332MY SA CD14-E2GA332MY S 3,300 M(±20%) 13.5 7.0 10+2, –1 0.6±0.05 CD15-E2GA392MY SA CD15-E2GA392MY S 3,900 M(±20%) 14.5 7.0 10+2, –1 0.6±0.05 CD16-E2GA472MY SA CD16-E2GA472MY S 4,700 M(±20%) 15.5 7.0 10+2, –1 0.6±0.05 Long lead Short lead Vertical kink Symbol G Symbol N Example) TDK Product Name: CD12-E2GA222MYNSA N: Lead type (Vertical kink, Short) D T F d D T F d • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Similar Part No. - CD90-B2GA391KYGSA |
|
Similar Description - CD90-B2GA391KYGSA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |