Electronic Components Datasheet Search |
|
SLF6028T-221MR26-PF Datasheet(PDF) 3 Page - TDK Electronics |
|
SLF6028T-221MR26-PF Datasheet(HTML) 3 Page - TDK Electronics |
3 / 49 page (2/48) INDUC T O RS 001-01 / 20130516 / e531_slf.fm • All specifications are subject to change without notice. Inductors for Power Circuits Wound Ferrite FEATURES Magnetic shield type wound inductor for power circuits. Product lineup allows for various usages. APPLICATION Thin-screen TV, LCDs, AV equipment, gaming equipment, other electrical devices PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT Operating temperature range includes self-temperature rise. The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Compatible with lead-free solders Overview of the SLF Series SLF 6025 T - 4R7 M 1R5 - PF Series name L×W×H Dimensions Packaging style Inductance Inductance tolerance Rated current Internal code (mm) (µH) (A) 6025 6.0×6.0×2.5 T Taping 1R0 1.0 M ±20% R47 0.47 6028 6.0×6.0×2.8 100 10 N ±30% 2R2 2.2 6045 6.0×6.0×4.5 101 100 150 15 7032 7.0×7.0×3.2 7045 7.0×7.0×4.5 7055 7.0×7.0×5.5 10145 10.1×10.1×4.5 10165 10.1×10.1×6.8 12555 12.5×12.5×5.5 12565 12.5×12.5×6.5 12575 12.5×12.5×7.5 Type Temperature range Package quantity Individual weight Operating temperature Storage temperature (°C) (°C) (pieces/reel) (g) SLF6025 –40 to +105 –40 to +105 1000 0.3 SLF6028 –40 to +105 –40 to +105 1000 0.3 SLF6045 –40 to +105 –40 to +105 1000 0.4 SLF7032 –40 to +105 –40 to +105 1000 0.4 SLF7045 –40 to +105 –40 to +105 1000 0.6 SLF7055 –40 to +105 –40 to +105 1000 0.8 SLF10145 –40 to +105 –40 to +105 500 1.3 SLF10165 –40 to +105 –40 to +105 500 1.9 SLF12555 –40 to +105 –40 to +105 500 2.6 SLF12565 –40 to +105 –40 to +105 500 3.2 SLF12575 –40 to +105 –40 to +105 500 3.6 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/ |
Similar Part No. - SLF6028T-221MR26-PF |
|
Similar Description - SLF6028T-221MR26-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |