Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF10145 Datasheet(PDF) 10 Page - TDK Electronics

Part # SLF10145
Description  Inductors for Power Circuits Wound Ferrite SLFseries
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF10145 Datasheet(HTML) 10 Page - TDK Electronics

Back Button SLF10145 Datasheet HTML 6Page - TDK Electronics SLF10145 Datasheet HTML 7Page - TDK Electronics SLF10145 Datasheet HTML 8Page - TDK Electronics SLF10145 Datasheet HTML 9Page - TDK Electronics SLF10145 Datasheet HTML 10Page - TDK Electronics SLF10145 Datasheet HTML 11Page - TDK Electronics SLF10145 Datasheet HTML 12Page - TDK Electronics SLF10145 Datasheet HTML 13Page - TDK Electronics SLF10145 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
(9/48)
INDUC
T
O
RS
001-01 / 20130516 / e531_slf.fm
• All specifications are subject to change without notice.
SLF series 
SLF6028 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 25°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(kHz)
DC resistance
(
 )±20%
Rated current(A)
Part No.
max.
(µH)
tolerance
Idc1
Idc2
4.7
±20%
100
0.0284
1.6
2.5
SLF6028T-4R7M1R6-PF
6.8
±20%
100
0.0354
1.5
2.2
SLF6028T-6R8M1R5-PF
10
±20%
100
0.0532
1.3
1.8
SLF6028T-100M1R3-PF
15
±20%
100
0.0745
1
1.4
SLF6028T-150M1R0-PF
22
±20%
100
0.104
0.77
1.3
SLF6028T-220MR77-PF
33
±20%
100
0.148
0.69
1.1
SLF6028T-330MR69-PF
47
±20%
100
0.21
0.59
0.92
SLF6028T-470MR59-PF
68
±20%
100
0.29
0.5
0.78
SLF6028T-680MR50-PF
100
±20%
100
0.43
0.42
0.64
SLF6028T-101MR42-PF
150
±20%
100
0.65
0.34
0.5
SLF6028T-151MR34-PF
220
±20%
100
0.98
0.26
0.38
SLF6028T-221MR26-PF
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies


Similar Part No. - SLF10145

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF10145 TDK-SLF10145 Datasheet
55Kb / 2P
   The SLF series are characterized by low profile, low DC resistance, and high current handling capacities.
SLF10145 TDK-SLF10145 Datasheet
62Kb / 2P
   The SLF series are characterized by low profile, low DC resistance, and high current handling capacities
More results

Similar Description - SLF10145

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-6R8M1R6-2PF TDK-SLF7032T-6R8M1R6-2PF Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com