Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4854 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4854
Description  RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4854 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4854 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4854 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4854 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .235 inch
D Hole from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141,
RG142, RG223, RG400, .235 inch D Hole PE4854
URL:
http://www.pasternack.com/sma-female-reverse-polarity-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4854-p.
aspx
RP SMA Female Bulkhead Connector Clamp/
Solder Attachment For RG58, RG55, RG141,
RG142, RG223, RG400, .235 inch D Hole
PE4854
PE4854 REV 01


Similar Part No. - PE4854

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
   RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
   REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
   RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
   RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
   RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results

Similar Description - PE4854

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
   RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
   RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
   RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
   RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4694 PASTERNACK-PE4694 Datasheet
234Kb / 3P
   RP TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141 RG142, RG223, RG400, .480 inch D Hole
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
   RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4078 PASTERNACK-PE4078 Datasheet
313Kb / 3P
   BNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44194 PASTERNACK-PE44194 Datasheet
211Kb / 2P
   RT SMA Female Bulkhead Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
PE44099 PASTERNACK-PE44099 Datasheet
241Kb / 3P
   C Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .596 inch D Hole
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
   C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com