Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS3.9B Datasheet(PDF) 4 Page - Rohm

Part # UDZS3.9B
Description  Zener diode Can be mounted automatically, using chip mounter.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZS3.9B Datasheet(HTML) 4 Page - Rohm

  UDZS3.9B Datasheet HTML 1Page - Rohm UDZS3.9B Datasheet HTML 2Page - Rohm UDZS3.9B Datasheet HTML 3Page - Rohm UDZS3.9B Datasheet HTML 4Page - Rohm UDZS3.9B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.D
Data Sheet
UDZS15B
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISPERSION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISPERSION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISPERSION MAP
0.0001
0.001
0.01
0.1
1
10
100
0
1234
5678
9
10 11
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=125℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=11V
n=30pcs
AVE:0.0751nA
1
10
100
01
23
45
67
89
10 11
f=1MHz
10
11
12
13
14
15
16
17
18
19
20
AVE:17.13pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
13
14
15
16
17
Ta=25℃
Ta=75℃
Ta=125℃
Ta=-25℃
1
10
100
1000
10000
0.1110
14.5
14.6
14.7
14.8
14.9
15
AVE:14.69V
Ta=25℃
IZ=5mA
n=30pcs


Similar Part No. - UDZS3.9B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS3.9B ROHM-UDZS3.9B Datasheet
221Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
158Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
159Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
220Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
158Kb / 5P
   Zener diode
More results

Similar Description - UDZS3.9B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.2B ROHM-UDZSTE-176.2B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZSTE-1712B ROHM-UDZSTE-1712B Datasheet
159Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZSTE-1718B ROHM-UDZSTE-1718B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZS10B ROHM-UDZS10B_12 Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
logo
Taoglas antenna solutio...
LA.02 TAOGLAS-LA.02 Datasheet
1Mb / 20P
   Components can be mounted on opposite side of
logo
List of Unclassifed Man...
PIT66U ETC-PIT66U Datasheet
452Kb / 1P
   Fibers can be free cut using fiber cutter
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com