Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9LPRS365BGLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
MLF Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
49
GNDSRC
PWR
Ground for SRC clocks
50
SRCC7/CR#_E
I/O
SRC7 complement or Clock Request control E for SRC6 pair
The power-up default is SRC7#, but this pin may also be used as a Clock Request control of
SRC6 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair
must first be disabled in byte 3, bit 3 of SMBus configuration space . After the SRC output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC6 pair using byte
6, bit 7 of SMBus configuration space
Byte 6, bit 7
0 = SRC7# enabled (default)
1= CR#_E controls SRC6.
51
SRCT7/CR#_F
I/O
SRC7 true or Clock Request control 8 for SRC8 pair
The power-up default is SRC7, but this pin may also be used as a Clock Request control of
SRC8 via SMBus. Before configuring this pin as a Clock Request Pin, the SRC7 output pair
must first be disabled in byte 3, bit 3 of SMBus configuration space After the SRC output is
disabled (high-Z), the pin can then be set to serve as a Clock Request for SRC8 pair using byte
6, bit 6 of SMBus configuration space
Byte 6, bit 6
0 = SRC7# enabled (default)
1 = CR#_F controls SRC8.
52
VDDSRC_IO
PWR
1.05V to 3.3V from external power supply
53
CPUC2_ITP/SRCC8
OUT
Complement clock of low power differential CPU2/Complement clock of differential SRC pair.
The function of this pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on
powerup. The function is as follows:
Pin 7 latched input Value
0 = SRC8#
1 = ITP#
54
CPUT2_ITP/SRCT8
OUT
True clock of low power differential CPU2/True clock of differential SRC pair. The function of this
pin is determined by the latched input value on pin 7, PCIF5/ITP_EN on powerup. The function is
as follows:
Pin 7 latched input Value
0 = SRC8
1 = ITP
55
NC
N/A
No Connect
56
VDDCPU_IO
PWR
1.05V to 3.3V from external power supply
57
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running
during iAMT.
58
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
59
GNDCPU
PWR
Ground Pin for CPU Outputs
60
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
61
CPUT0
OUT
True clock of low power differential CPU clock pair.
62
VDDCPU
PWR
Power Supply 3.3V nominal.
63
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
64
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for
Vil_FS and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N
divider mode while in test mode. Refer to Test Clarification Table.


Similar Part No. - ICS9LPRS365BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
More results

Similar Description - ICS9LPRS365BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
   64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPRS501 RENESAS-ICS9LPRS501 Datasheet
386Kb / 28P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
logo
Integrated Device Techn...
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS365 RENESAS-ICS9LPRS365 Datasheet
897Kb / 29P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com