Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-Z14D4T Datasheet(PDF) 1 Page - Rohm

Part # SML-Z14D4T
Description  High brightness 20/50mA guaranteed specifications PLCC2 package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14D4T Datasheet(HTML) 1 Page - Rohm

  SML-Z14D4T Datasheet HTML 1Page - Rohm SML-Z14D4T Datasheet HTML 2Page - Rohm SML-Z14D4T Datasheet HTML 3Page - Rohm SML-Z14D4T Datasheet HTML 4Page - Rohm SML-Z14D4T Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
2.6
1.5
1.5
1.5
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Tolerance : ±0.2
(unit : mm)
(unit : mm)
*1:Duty1/10, 1kHz *2:Duty1/5, 200Hz *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous intensity IV
Typ.(V) IF(mA)
Max.
(μA)
VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML-Z14VT(A)
AIGaInP
Red
168
70
200
*1
12
-40 to +100
-40 to +100
1.9
20
10
12
625
630
635
20
56
112
20
SML-Z14UT(A)
615
620
625
112
224
SML-Z14DT(A)
Orange
602
605
608
140
280
SML-Z14YT(A)
Yellow
175
2.0
586
589
592
SML-Z14MT(A)
Yellowish
Green
568
571
574
45
90
SML-Z14FT(A)
Green
561.5
564
566.5
22.4
45
SML-Z14PT(A)
557
560
563
11.2
22.4
SML-Z14V4T
Red
189
70
200
*1
12
-40 to +100
-40 to +100
2.0
50
100
12
625
630
635
50
140
280
50
SML-Z14U4T
615
620
625
280
560
SML-Z14D4T
Orange
602
605
608
355
710
SML-Z14Y4T
Yellow
2.1
587
590
593
SML-Z14M4T
Yellowish
Green
569
572
575
112
224
SML-Z14F4T
Green
562
565
568
71
120
SML-Z14P4T
558
561
564
22.4
56
SMLZ14EGT(A)
InGaN
Bluish
Green
120
30
100
*2
5
-40 to +100
-40 to +100
3.3
20
10
5
519
528
536
20
710 1,100
20
SMLZ14BGT(A)
Blue
114
3.2
464
470
476
140
280
SMLZ14WBGAW(A)
White
30
100
*2
5
-40 to +100
-40 to +100
3.3
20
100
5
(x, y) (0.36, 0.36)
20
900 1,400
20
SMLZ14WBGBW(A)
(x, y) (0.44, 0.40)
SMLZ14WBGCW(A)
(x, y) (0.30, 0.28)
1,400 2,200
SMLZ14WBGDW(A)
(x, y) (0.34, 0.34)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
Y’
X’
SML-Z14x4T series / SML-Z14(A) series
SMLZ14 series
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
3.2
3.5
Cathode Index
φ2.4
1.8
SML-Z1 series
Color
Type
V
U
D
Y
M
F
P
E
B
WB
SML-Z1 series
Features
・High brightness
・20/50mA guaranteed specifications
・PLCC2 package
3528(1411)
3.5×2.8mm(t=1.9mm)
Actual size
1/4
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.B


Similar Part No. - SML-Z14D4T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
SML-Z14D4TT86 ROHM-SML-Z14D4TT86 Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com