Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF15U20S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFPF15U20S
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF15U20S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFPF15U20S Datasheet HTML 1Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 2Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 3Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
50
0.0
0.5
1.0
1.5
2.0
T
C = 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
0
100
200
300
400
Typical Capacitance
at 0V = 404 pF
Reverse Voltage , V
R
[V]
100
500
0
1
2
3
4
5
6
7
8
I
F = 15A
T
C
= 25
o
C
di/dt [A/
µs]
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
T
C = 25
oC
T
C = 100
oC
Reverse Voltage , V
R [V]
100
500
20
25
30
35
40
I
F = 15A
Tc = 25
o
C
di/dt [A/
µs]
60
80
100
120
140
160
0
5
10
15
20
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FFA15U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP04U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A4CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
FFA15U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn