Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF15U20S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FFPF15U20S
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF15U20S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF15U20S Datasheet HTML 1Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 2Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 3Page - Fairchild Semiconductor FFPF15U20S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C15
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
150
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
3.5
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 15A
I F = 15A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.2
1.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
15
150
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =15A, di/dt = 200A/µs)
-
-
-
-
-
-
40
3.5
70
ns
A
nC
WAVL
Avalanche Energy
0.5
-
-
mJ
FFPF15U20S
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-220F
1
2
1. Cathode
2. Anode


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FFA15U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP04U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A2CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
BYT108 Ultra Fast Recovery Silicon Power Rectifier 1  2  3  4  5  Vishay Siliconix
FFA15U20DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFAF20U120DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
FFP05U60DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor
U10A4CIC ULTRA FAST RECOVERY RECTIFIER DIODE SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER 1  2  KEC(Korea Electronics)
FFA15U40DN ULTRA FAST RECOVERY POWER RECTIFIER 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn