Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN9260 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN9260
Description  High voltage fast-switching PNP power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN9260 Datasheet(HTML) 5 Page - STMicroelectronics

  STN9260 Datasheet HTML 1Page - STMicroelectronics STN9260 Datasheet HTML 2Page - STMicroelectronics STN9260 Datasheet HTML 3Page - STMicroelectronics STN9260 Datasheet HTML 4Page - STMicroelectronics STN9260 Datasheet HTML 5Page - STMicroelectronics STN9260 Datasheet HTML 6Page - STMicroelectronics STN9260 Datasheet HTML 7Page - STMicroelectronics STN9260 Datasheet HTML 8Page - STMicroelectronics STN9260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STN9260
Electrical characteristics
Doc ID 18326 Rev 2
5/10
Figure 8.
Collector-emitter saturation voltage Figure 9.
Base-emitter saturation voltage
Figure 10.
Base-emitter on voltage
Figure 11.
Capacitance variation
Figure 12.
Reverse biased safe operating area
AM10060v1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
600
700
800
Vce[V]
hfe=2
Vbeoff= -5V
Rbb=0 Ω
L=1mH
Tj≤ 125 °C


Similar Part No. - STN9260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN93003 STMICROELECTRONICS-STN93003 Datasheet
232Kb / 10P
   High voltage fast-switching PNP power transistor
STN9360 STMICROELECTRONICS-STN9360 Datasheet
461Kb / 10P
   High voltage fast-switching PNP power transistor
STN951 STMICROELECTRONICS-STN951 Datasheet
121Kb / 8P
   Low voltage fast-switching PNP power transistor
STN951 STMICROELECTRONICS-STN951 Datasheet
100Kb / 8P
   Low voltage fast-switching PNP power transistor
STN951 STMICROELECTRONICS-STN951_08 Datasheet
100Kb / 8P
   Low voltage fast-switching PNP power transistor
More results

Similar Description - STN9260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
   High Voltage Fast Switching PNP Power Transistor
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
   High Voltage Fast Switching PNP Power Transistor
logo
STMicroelectronics
STX93003 STMICROELECTRONICS-STX93003 Datasheet
247Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
STN9360 STMICROELECTRONICS-STN9360 Datasheet
461Kb / 10P
   High voltage fast-switching PNP power transistor
STN93003 STMICROELECTRONICS-STN93003 Datasheet
232Kb / 10P
   High voltage fast-switching PNP power transistor
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001_13 Datasheet
175Kb / 4P
   High Voltage Fast Switching PNP Power Transistor
logo
STMicroelectronics
STD93003 STMICROELECTRONICS-STD93003 Datasheet
295Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
BULT3P3 STMICROELECTRONICS-BULT3P3 Datasheet
153Kb / 8P
   Medium voltage fast-switching PNP power transistor
September 2009 Rev 1
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
   Low voltage fast-switching PNP power transistor
March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com