Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF15U120S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFPF15U120S
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFPF15U120S Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
01
234
56
T
C
= 25
o
C
T
C = 100
o
C
Forward Voltage , V
F [V]
0.1
1
10
100
50
100
150
200
250
300
Typical Capacitance
at 0V = 270 pF
Reverse Voltage , V
R [V]
100
500
0
2
4
6
8
10
12
14
16
18
20
T
C = 100
o
C
T
C = 25
o
C
V
R = 200V
I
F = 15A
di/dt [A/
µs]
0
200
400
600
800
1000
1200
0.001
0.01
0.1
1
10
100
1000
T
C
= 25
o
C
T
C
= 100
o
C
Reverse Voltage , V
R [V]
100
500
40
60
80
100
120
140
T
C
= 100
oC
T
C
= 25
o
C
V
R
= 200V
I
F
= 15A
di/dt [A/
µs]
60
80
100
120
140
160
0
5
10
15
20
Case Temperature , T
C [
o
C]


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn