Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF15U120S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FFPF15U120S
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFPF15U120S Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C15
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
90
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.0
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 15A
I F = 15A
TC = 25 °C
TC = 100 °C
-
-
-
-
3.5
3.2
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
15
1
µA
mA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =15A, di/dt = 200A/µs)
-
-
-
-
-
-
100
9
405
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFPF15U120S
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
Applications
• General purpose
• Switching mode power supply
• Free-wheeling diode for motor application
• Power switching circuits
TO-220F
1
2
TO-220F
1
2
TO-220F
1
2
TO-220F
1
2
1. Cathode
2. Anode


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn