Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M40ZE64C5N Datasheet(PDF) 11 Page - Altera Corporation

Part # 5M40ZE64C5N
Description  3. DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M40ZE64C5N Datasheet(HTML) 11 Page - Altera Corporation

Back Button 5M40ZE64C5N Datasheet HTML 7Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 8Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 9Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 10Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 11Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 12Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 13Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 14Page - Altera Corporation 5M40ZE64C5N Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Chapter 3: DC and Switching Characteristics for MAX V Devices
3–11
Timing Model and Specifications
May 2011
Altera Corporation
MAX V Device Handbook
Preliminary and Final Timing
This section describes the performance, internal, external, and UFM timing
specifications. All specifications are representative of the worst-case supply voltage
and junction temperature conditions.
Timing models can have either preliminary or final status. The Quartus II software
issues an informational message during the design compilation if the timing models
are preliminary. Table 3–16 lists the status of the MAX V device timing models.
Preliminary status means the timing model is subject to change. Initially, timing
numbers are created using simulation results, process data, and other known
parameters. These tests are used to make the preliminary numbers as close to the
actual timing parameters as possible.
Final timing numbers are based on actual device operation and testing. These
numbers reflect the actual performance of the device under the worst-case voltage
and junction temperature conditions.
Performance
Table 3–17 lists the MAX V device performance for some common designs. All
performance values were obtained with the Quartus II software compilation of
megafunctions.
Table 3–16. Timing Model Status for MAX V Devices
Device
Final
5M40Z
v
5M80Z
v
5M160Z
v
5M240Z
v
5M570Z
v
5M1270Z
v
5M2210Z
v
Table 3–17. Device Performance for MAX V Devices (Part 1 of 2)
Resource
Used
Design Size and
Function
Resources Used
Performance
Unit
5M40Z/ 5M80Z/ 5M160Z/
5M240Z/ 5M570Z
5M1270Z/ 5M2210Z
Mode
LEs
UFM
Blocks
C4
C5, I5
C4
C5, I5
LE
16-bit counter (1)
16
0
184.1
118.3
247.5
201.1
MHz
64-bit counter (1)
64
0
83.2
80.5
154.8
125.8
MHz
16-to-1 multiplexer
11
0
17.4
20.4
8.0
9.3
ns
32-to-1 multiplexer
24
0
12.5
25.3
9.0
11.4
ns
16-bit XOR function
5
0
9.0
16.1
6.6
8.2
ns
16-bit decoder with
single address line
5
0
9.2
16.1
6.6
8.2
ns


Similar Part No. - 5M40ZE64C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M40ZE64C5N ALTERA-5M40ZE64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M40ZE64C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M160ZE64C5N ALTERA-5M160ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144I5N ALTERA-5M570ZT144I5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144C5N ALTERA-5M570ZT144C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M1270ZT144A5N ALTERA-5M1270ZT144A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com