Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5CEBA5F23C7N Datasheet(PDF) 10 Page - Altera Corporation

Part # 5CEBA5F23C7N
Description  Cyclone V Device Datasheet
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CEBA5F23C7N Datasheet(HTML) 10 Page - Altera Corporation

Back Button 5CEBA5F23C7N Datasheet HTML 6Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 7Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 8Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 9Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 10Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 11Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 12Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 13Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Page 10
Electrical Characteristics
Cyclone V Device Datasheet
June 2013
Altera Corporation
Table 10 lists the OCT variation with temperature and voltage after the power-up
calibration. The OCT variation is valid for a VCCIO range of ±5% and a temperature
range of 0° to 85°C.
Pin Capacitance
Table 11 lists the Cyclone V device family pin capacitance.
Hot Socketing
Table 12 lists the hot socketing specifications for Cyclone V devices.
Table 10. OCT Variation after Power-Up Calibration for Cyclone V Devices
Symbol
Description
VCCIO (V)
Typical
Unit
dR/dV
OCT variation with voltage without
recalibration
3.0
0.100
%/mV
2.5
0.100
1.8
0.100
1.5
0.100
1.35
0.150
1.25
0.150
1.2
0.150
dR/dT
OCT variation with temperature
without recalibration
3.0
0.189
%/°C
2.5
0.208
1.8
0.266
1.5
0.273
1.35
0.200
1.25
0.200
1.2
0.317
Table 11. Pin Capacitance for Cyclone V Devices
Symbol
Description
Value
Unit
CIOTB
Input capacitance on top and bottom I/O pins
5.5
pF
CIOLR
Input capacitance on left and right I/O pins
5.5
pF
COUTFB
Input capacitance on dual-purpose clock output and feedback pins
5.5
pF
Table 12. Hot Socketing Specifications for Cyclone V Devices—Preliminary
Symbol
Description
Maximum
IIOPIN (DC)
DC current per I/O pin
300
μA
IIOPIN (AC)
AC current per I/O pin
8 mA (1)
IXCVR-TX (DC)
DC current per transceiver transmitter (TX) pin
100 mA
IXCVR-RX (DC)
DC current per transceiver receiver (RX) pin
50 mA
Note to Table 12:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C dv/dt, in which C is the I/O pin
capacitance and dv/dt is the slew rate.


Similar Part No. - 5CEBA5F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CEBA5F23C7N INTEL-5CEBA5F23C7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
More results

Similar Description - 5CEBA5F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEBA9F23C7N ALTERA-5CEBA9F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com