Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5CEBA5F23C7N Datasheet(PDF) 8 Page - Altera Corporation

Part # 5CEBA5F23C7N
Description  Cyclone V Device Datasheet
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CEBA5F23C7N Datasheet(HTML) 8 Page - Altera Corporation

Back Button 5CEBA5F23C7N Datasheet HTML 4Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 5Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 6Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 7Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 8Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 9Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 10Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 11Page - Altera Corporation 5CEBA5F23C7N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Page 8
Electrical Characteristics
Cyclone V Device Datasheet
June 2013
Altera Corporation
OCT Specifications
If you enable on-chip termination (OCT) calibration, calibration is automatically
performed at power up for I/Os connected to the calibration block.
Table 8 lists the Cyclone V OCT termination calibration accuracy specifications. The
OCT calibration accuracy is valid at the time of calibration only.
1 Calibration accuracy for the calibrated on-chip series termination (RS OCT) and
on-chip parallel termination (RT OCT) are applicable at the moment of calibration.
When process, voltage, and temperature (PVT) conditions change after calibration,
the tolerance may change.
Table 8. OCT Calibration Accuracy Specifications for Cyclone V Devices
Symbol
Description
Conditions (V)
Calibration Accuracy
Unit
–C6
–C7, –I7
–C8, –A7
25-
Ω RS
Internal series termination
with calibration
(25-
Ω setting)
VCCIO = 3.0, 2.5,
1.8, 1.5, 1.2
±15
±15
±15
%
50-
Ω RS
Internal series termination
with calibration
(50-
Ω setting)
VCCIO = 3.0, 2.5,
1.8, 1.5, 1.2
±15
±15
±15
%
34-
Ω and 40-Ω RS
Internal series termination
with calibration
(34-
Ω and 40-Ω setting)
VCCIO = 1.5, 1.35,
1.25, 1.2
±15
±15
±15
%
48-
Ω, 60-Ω, and
80-
Ω RS
Internal series termination
with calibration
(48-
Ω, 60-Ω, and 80-Ω
setting)
VCCIO = 1.2
±15
±15
±15
%
50-
Ω RT
Internal parallel
termination with calibration
(50-
Ω setting)
VCCIO = 2.5, 1.8,
1.5, 1.2
-10 to +40
-10 to +40
-10 to +40
%
20-
Ω, 30-Ω,
40-
Ω, 60-Ω, and
120-
Ω RT
Internal parallel
termination with calibration
(20-
Ω, 30-Ω, 40-Ω,
60-
Ω, and 120-Ω setting)
VCCIO = 1.5, 1.35,
1.25
-10 to +40
-10 to +40
-10 to +40
%
60-
Ω and 120-Ω RT
Internal parallel
termination with calibration
(60-
Ω and 120-Ω setting)
VCCIO = 1.2
-10 to +40
-10 to +40
-10 to +40
%
25-
Ω RS_left_shift
Internal left shift series
termination with calibration
(25-
Ω RS_left_shift setting)
VCCIO = 3.0, 2.5,
1.8, 1.5, 1.2
±15
±15
±15
%


Similar Part No. - 5CEBA5F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CEBA5F23C7N INTEL-5CEBA5F23C7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
More results

Similar Description - 5CEBA5F23C7N

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEBA9F23C7N ALTERA-5CEBA9F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com