Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S40IPUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 5Page - STMicroelectronics ST1S40IPUR Datasheet HTML 6Page - STMicroelectronics ST1S40IPUR Datasheet HTML 7Page - STMicroelectronics ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics ST1S40IPUR Datasheet HTML 10Page - STMicroelectronics ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ST1S40
Functional description
Doc ID 17928 Rev 4
9/30
Three main terms can be identified to obtain the loop transfer function:
1.
from control (output of E/A) to output, GCO(s)
2.
from output (Vout) to the FB pin, GDIV(s)
3.
from the FB pin to control (output of E/A), GEA(s).
The transfer function from control to output GCO(s) results:
Equation 1
where RLOAD represents the load resistance, Ri (0.3 Ω) the equivalent sensing resistor of the
current sense circuitry,
ωp the single pole introduced by the LC filter and ωz the zero given by
the ESR of the output capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of
the error amplifier that introduces a double pole at one half of the switching frequency.
Equation 2
Equation 3
where:
Equation 4
Sn represents the ON time slope of the sensed inductor current, Se the slope of the external
ramp (VPP peak-to-peak amplitude 1.25 V) that implements the slope compensation to
avoid sub-harmonic oscillations at duty cycle over 50%.
The sampling effect contribution FH(s) is:
Equation 5
where:
G
CO s
()
R
LOAD
R
i
------------------
1
1
R
out
T
SW
L
----------------------------
m
C
1D
() 0,5
[]
+
---------------------------------------------------------------------------------------------
1
s
ω
z
------
+


1
s
ω
p
------
+


---------------------- F
H s
()
⋅⋅
=
ω
Z
1
ESR C
OUT
-------------------------------
=
ω
p
1
R
LOAD
C
OUT
--------------------------------------
m
C
1D
() 0,5
LC
OUT
f
SW
⋅⋅
---------------------------------------------
+
=
m
C
1
S
e
S
n
------
+
=
S
e
V
pp
f
SW
=
S
n
V
IN
V
OUT
L
------------------------------ R
i
=
F
H s
()
1
1
s
ω
n
Q
P
-------------------
s
2
ω
n
2
------
++
-------------------------------------------
=


Similar Part No. - ST1S40IPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
More results

Similar Description - ST1S40IPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
   3 A step-down switching regulator
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
   4 A DC step-down switching regulator
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com