Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4221 Datasheet(PDF) 13 Page - Rohm

Part # BU4221
Description  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4221 Datasheet(HTML) 13 Page - Rohm

Back Button BU4221 Datasheet HTML 8Page - Rohm BU4221 Datasheet HTML 9Page - Rohm BU4221 Datasheet HTML 10Page - Rohm BU4221 Datasheet HTML 11Page - Rohm BU4221 Datasheet HTML 12Page - Rohm BU4221 Datasheet HTML 13Page - Rohm BU4221 Datasheet HTML 14Page - Rohm BU4221 Datasheet HTML 15Page - Rohm BU4221 Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Datasheet
13/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Operational Notes
1)
Absolute maximum ratings
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit
between pins or an open circuit between pins. Therefore, it is important to consider circuit protection measures, such
as adding a fuse, in case the IC is operated over the absolute maximum ratings.
2)
Ground Voltage
The voltage of the ground pin must be the lowest voltage of all pins of the IC at all operating conditions. Ensure that no
pins are at a voltage below the ground pin at any time, even during transient condition.
3)
Recommended operating conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately obtained.
The electrical characteristics are guaranteed under the conditions of each parameter.
4)
Bypass Capacitor for Noise Rejection
To help reject noise, put a 1µF capacitor between VDD pin and GND and 1000pF capacitor between VOUT pin and GND.
Be careful when using extremely big capacitor as transient response will be affected.
5)
Short between pins and mounting errors
Be careful when mounting the IC on printed circuit boards. The IC may be damaged if it is mounted in a wrong
orientation or if pins are shorted together. Short circuit may be caused by conductive particles caught between the pins.
6)
Operation under strong electromagnetic field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
7)
The VDD line impedance might cause oscillation because of the detection current.
8)
A VDD to GND capacitor (as close connection as possible) should be used in high VDD line impedance condition.
9)
Lower than the mininum input voltage puts the VOUT in high impedance state, and it must be VDD in pull up (VDD)
condition.
10) External parameters
The case of needless “Delay Time”, recommended to insert more 470kΩ resister between VDD and CT. The
recommended value of RL Resistor is over 50kΩ to 1M
Ω for VDET=1.5V to 4.8V, and over 100kΩ to 1MΩ for VDET=0.9V
to 1.4V. The recommended value of CT Capacitor is over 100pF to 0.1µF. There are many factors (board layout, etc)
that can affect characteristics. Please verify and confirm using practical applications.
11) Power on reset operation
Please note that the power on reset output varies with the VDD rise time. Please verify the behavior in the actual
operation.
12) Testing on application boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may subject
the IC to stress. Always discharge capacitors completely after each process or step. The IC’s power supply should
always be turned off completely before connecting or removing it from the test setup during the inspection process. To
prevent damage from static discharge, ground the IC during assembly and use similar precautions during transport and
storage.
13) Rush current
When power is first supplied to the IC, rush current may flow instantaneously. It is possible that the charge current to
the parasitic capacitance of internal photo diode or the internal logic may be unstable. Therefore, give special
consideration to power coupling capacitance, power wiring, width of GND wiring, and routing of connections.
14) CT pin discharge
Due to the capabilities of the CT pin discharge transistor, the CT pin may not completely discharge when a short input
pulse is applied, and in this case the delay time may not be controlled. Please verify the actual operation.
15) This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might
cause unexpected operations. Application values in these conditions should be selected carefully. If 10M
Ω leakage is
assumed between the CT terminal and the GND terminal, 1M
Ω connection between the CT terminal and the VDD
terminal would be recommended. Also, if the leakage is assumed between the Vout terminal and the GND terminal, the
pull up resistor should be less than 1/10 of the assumed leak resistance. The value of Rct depends on the external
resistor that is connected to CT terminal, so please consider the delay time that is decided by t × RCT × CCT changes.


Similar Part No. - BU4221

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4221 ROHM-BU4221 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4221 ROHM-BU4221 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4221 ROHM-BU4221 Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4221 ROHM-BU4221 Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4221 ROHM-BU4221 Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results

Similar Description - BU4221

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com