Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA90DD0T Datasheet(PDF) 1 Page - Rohm

Part # BA90DD0T
Description  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA90DD0T Datasheet(HTML) 1 Page - Rohm

  BA90DD0T Datasheet HTML 1Page - Rohm BA90DD0T Datasheet HTML 2Page - Rohm BA90DD0T Datasheet HTML 3Page - Rohm BA90DD0T Datasheet HTML 4Page - Rohm BA90DD0T Datasheet HTML 5Page - Rohm BA90DD0T Datasheet HTML 6Page - Rohm BA90DD0T Datasheet HTML 7Page - Rohm BA90DD0T Datasheet HTML 8Page - Rohm BA90DD0T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
○Product structure : Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/20
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
26.Jun.2012 Rev.001
www.rohm.com
Datasheet
2A/1A Fixed Output LDO Regulators
BAxxDD0T Series
BAxxCC0T Series
BAxxCC0FP Series
2A/1A Fixed Output LDO Regulators
With Shutdown Swicth
BAxxDD0WT Series BAxxDD0HFP Series BAxxCC0WT Series BAxxCC0WFP Series
●General Description
Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A / 1A. ROHM has a
wide output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current
protection circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects
the IC from damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in
the power supply line of the IC.
●Features
±1% highly accurate output voltage (BAxxDD0xx)
Low saturation with PNP output
Built-in over-current protection circuit that prevents
the destruction of the IC due to output short circuits
Built-in thermal shutdown circuit for protecting the IC
from damage due to overloading
Built-in over- voltage protection circuit that prevents
the destruction of the IC due to power supply surges
●Key Specification
Input Power Supply Voltage:
25V (Max.)
Output voltage type:
Fixed
Output current:
BAxxDD0xx series
2A (Max.)
BAxxCC0xx series
1A (Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +125℃
●Applications
Used in DSP power supplies for DVD and CD players,
FPDs, televisions, personal computers or any other
consumer device
●Packages
W (Typ.) x D (Typ.) x H (Max.)
HRP5
9.395mm x 10.54mm x 2.005mm
TO252-3
6.50 mm x
9.50mm x 2.50 mm
TO252-5
6.50 mm x
9.50mm x 2.50 mm
TO220FP-3
10.00 mm x 30.50mm x 4.60 mm
TO220FP-5
10.00 mm x 30.50mm x 4.60 mm
●Lineup matrix
■1A output BAxxCC0xx Series
Part Number
Output voltage (V)
Package
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10.0
12.0
15.0
BAxxCC0WT
TO220FP-5
BAxxCC0WFP
TO252-5
BAxxCC0T
TO220FP-3
BAxxCC0FP
TO252-3
■2A output BAxxDD0xx Series
Part Number
Output voltage (V)
Package
1.5
1.8
2.5
3.0
3.3
5.0
9.0
12.0
16.0
BAxxDD0WT
TO220FP-5
BAxxDD0WHFP
HRP5
BAxxDD0T
TO220FP-3
TO252-5
TO220FP-5
TO220FP-3
HRP5
TO252-3


Similar Part No. - BA90DD0T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA90DD0T ROHM-BA90DD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
BA90DD0T ROHM-BA90DD0T Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA90DD0T ROHM-BA90DD0T Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BA90DD0T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com