Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS057DWE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75ALS057DWE4
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS057DWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS057DWE4 Datasheet HTML 1Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 2Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 3Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 4Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 5Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 6Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 7Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 8Page - Texas Instruments SN75ALS057DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Suitable for IEEE Standard 896
Applications
D SN75ALS056 is an Octal Transceiver
D SN75ALS057 is a Quad Transceiver
D High-Speed Advanced Low-Power Schottky
(ALS) Circuitry
D Low Power Dissipation:
52.5 mW/Channel Max
D High-Impedance pnp Inputs
D Logic-Level 1-V Bus Swing Reduces Power
Consumption
D Trapezoidal Bus Output Waveform Reduces
Noise Coupling to Adjacent Lines
D Power-Up/Power-Down Protection
(Glitch Free)
D Open-Collector Driver Outputs Allow
Wired-OR Connections
D Designed to Be a Faster, Lower-Power
Functional Equivalent of National DS3896,
DS3897
description
The
SN75ALS056
is
an
eight-channel,
monolithic, high-speed, advanced low-power
Schottky (ALS) device designed for two-way data
communication
in
a
densely
populated
backplane. The SN75ALS057 is a four-channel
version with independent driver-input (Dn) and
receiver-output (Rn) pins and a separate driver
disable for each driver (En).
These transceivers feature open-collector driver outputs with series Schottky diodes to reduce capacitive
loading to the bus. By using a 2-V pullup termination on the bus, the output signal swing is approximately 1 V,
which reduces the power necessary to drive the bus load capacitance. The driver outputs generate trapezoidal
waveforms that reduce crosstalk between channels. The drivers are capable of driving an equivalent dc load
as low as 18.5
Ω. The receivers have internal low-pass filters to further improve noise immunity.
The SN75ALS056 and SN75ALS057 are characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A1
A2
A3
A4
VCC
A5
A6
A7
A8
CS
B1
B2
B3
B4
GND
B5
B6
B7
B8
T/R
SN75ALS057 . . . DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D1
R1
D2
R2
VCC
D3
R3
D4
R4
TE
B1
E1
B2
E2
GND
B3
E3
B4
E4
RE
SN75ALS056 . . . DW OR N PACKAGE
(TOP VIEW)
† The transceivers are suitable for IEEE Standard 896 applications to the extent of the operating conditions and characteristics specified in this
data sheet.


Similar Part No. - SN75ALS057DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS057DW TI-SN75ALS057DW Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS057DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS056 TI-SN75ALS056 Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
logo
National Semiconductor ...
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
   BTL Trapezoidal??Transceivers
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
   BTL Trapezoidal??Transceivers
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com