Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAJ6DD0WT Datasheet(PDF) 6 Page - Rohm

Part # BAJ6DD0WT
Description  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAJ6DD0WT Datasheet(HTML) 6 Page - Rohm

Back Button BAJ6DD0WT Datasheet HTML 2Page - Rohm BAJ6DD0WT Datasheet HTML 3Page - Rohm BAJ6DD0WT Datasheet HTML 4Page - Rohm BAJ6DD0WT Datasheet HTML 5Page - Rohm BAJ6DD0WT Datasheet HTML 6Page - Rohm BAJ6DD0WT Datasheet HTML 7Page - Rohm BAJ6DD0WT Datasheet HTML 8Page - Rohm BAJ6DD0WT Datasheet HTML 9Page - Rohm BAJ6DD0WT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Datasheet
6/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Electrical Characteristics
BAxxCC0 Series (Unless otherwise specified, Ta=25℃, VCTL=5V, Io=500mA Setting
*5)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Output Voltage
*6
Vo
Vo(T)×
0.98
Vo(T)
Vo(T)×
1.02
V
Shut Down Current
Isd
0
10
μA
VCTL=0V
Bias Current
Ib
2.5
5.0
mA
VCTL=2V,
Io=0mA
Dropout Voltage
ΔVd
0.3
0.5
V
Vcc=Vo×0.95
Peak Output Current
Io
1.0
A
Ripple Rejection
R.R.
45
55
dB
f=120Hz, ein
*7=1Vrms,
Io=100mA
Line Regulation
Reg.I
20
100
mV
Vcc=Vo(T)+1→25V
Load Regulation
Reg.L
50
150
mV
Io=5mA→1A
Temperature Coefficient of
Output Voltage
*8
Tcvo
±0.02
%/℃ Io=5mA,Tj=0 to 125℃
Output Short Current
Ios
0.40
A
Vcc=25V
ON Mode Voltage
VthH
2.0
V
ACTIVE MODE, Io=0mA
OFF Mode Voltage
VthL
0.8
V
OFF MODE, Io=0mA
Input High Current
ICTL
100
200
300
μA
VCTL=5V, Io=0mA
BAxxDD0 series (Unless otherwise specified, Ta=25℃, VCTL=3V, Vcc=VCCT
*9)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
0
10
μA
VCTL=0V, Io=0mA
Bias Current
Ib
0.9
2.0
mA
Io=0mA
Output Voltage
*10
Vo
Votyp×
0.99
Votyp
Votyp×
1.01
V
Io=200mA
Dropout Voltage 1
*11
ΔVd1
0.3
0.5
V
Vcc=0.95×Vo, Io=1A
Dropout Voltage 2
*11
ΔVd2
0.45
0.7
V
Vcc=0.95×Vo, Io=2A
Peak Output Current
Io
2.0
A
Ripple Rejection
R.R.
55
dB
f=120Hz, ein
*7
=-20dBV,
Io=100mA
Line Regulation
Reg.I
15
50
mV
Vcc=VCCT
*9
V→25V, Io=200mA
Load Regulation
Reg.L
50
200
mV
Io=0mA→2A
Temperature Coefficient of
Output Voltage
*8
Tcvo
±0.02
%/℃
Io=5mA, Tj=0 to 125℃
CTL ON Mode Voltage
Von
2.0
Vcc
V
ACTIVE MODE, Io=0mA
CTL OFF Mode Voltage
Voff
0.8
V
OFF MODE, Io=0mA
CTL Input Current
ICTL
60
120
μA
VCTL=3V, Io=0mA
*5 Vo=3.3V:Vcc=8.3V, Vo=5V:Vcc=10V, Vo=6V:Vcc=11V
, Vo=7V:Vcc=12V, Vo=8V:Vcc=13V, Vo=9V:Vcc=14V, Vo=12V:Vcc=17V
*6 Vo(T)=3.3, 5.0, 6.0, 7.0, 8.0, 9.0,12V
*7 ein : Input Voltage Ripple
*8 Not 100% tested
*9 Vo=1.5V,1.8V,2.5V,3.0V:VCCT =4.0V、Vo=3.3V,5.0V:VCCT =7.0V、Vo=9V:VCCT =12.0V、Vo=12V:VCCT =14.0V、Vo=16V:VCCT =18.0V)
*10 Votyp=1.5V,1.8V,2.5V,3.0V,3.3V,5.0V,9.0V,12.0V,16.0V
*11 Vo≧3.0V


Similar Part No. - BAJ6DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BAJ6DD0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com