Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5044C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5044C
Description  1-A Positive Step-up Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5044C Datasheet(HTML) 2 Page - Texas Instruments

  PT5044C Datasheet HTML 1Page - Texas Instruments PT5044C Datasheet HTML 2Page - Texas Instruments PT5044C Datasheet HTML 3Page - Texas Instruments PT5044C Datasheet HTML 4Page - Texas Instruments PT5044C Datasheet HTML 5Page - Texas Instruments PT5044C Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Typical Characteristics
PT5041, +12.0 VDC
(See Note A)
PT5042, +15.0 VDC
(See Note A)
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (VIN=5V) (See Note B)
Safe Operating Area (VIN=5V) (See Note B)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Maximum Output Current - (Amps)
Maximum Output Current - (Amps)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
100
0
0 .2
0 .4
0 .6
0 .8
1
11.0V
8.0V
6.0V
5.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
5.0V
6.0V
8.0V
11.0V
Vin
0
50
10 0
15 0
20 0
25 0
0
0 .2
0 .4
0 .6
0 .8
1
5.0V
6.0V
8.0V
11.0V
Vin
40
50
60
70
80
90
10 0
0
0.1 5
0 .3
0.4 5
0 .6
0.7 5
14.0V
12.0V
10.0V
8.0V
6.0V
5.0V
Vin
0
0.5
1
1.5
2
2.5
3
0
0.150.3
0.45
0.60.75
5.0V
6.0V
8.0V
10.0V
12.0V
14.0V
Vin
0
50
100
150
200
250
0
0.15
0 .3
0.45
0 .6
0.75
5.0V
6.0V
8.0V
10.0V
12.0V
14.0V
Vin
20
30
40
50
60
70
80
90
0. 00
0. 25
0. 50
0. 75
0 LFM
60 LFM
90 LFM
Airflow
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
0 LFM
60 LFM
90 LFM
Airflow
1-A Positive Step-up
Integrated Switching Regulator
PT5040 Series
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
Thermal derating graphs are developed in free-air convection cooling, which corresponds to approximately 40–60LFM of airflow.


Similar Part No. - PT5044C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5044 TI-PT5044 Datasheet
203Kb / 3P
[Old version datasheet]   1 AMP STEP-UP INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5044C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5040 TI-PT5040 Datasheet
203Kb / 3P
[Old version datasheet]   1 AMP STEP-UP INTEGRATED SWITCHING REGULATOR
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
[Old version datasheet]   1 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST233 TI-78ST233 Datasheet
216Kb / 1P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com