Electronic Components Datasheet Search |
|
BAJ5CC0FP-E2 Datasheet(PDF) 6 Page - Rohm |
|
BAJ5CC0FP-E2 Datasheet(HTML) 6 Page - Rohm |
6 / 23 page Datasheet 6/20 BAxxDD0xx BAxxCC0xx TSZ02201-0R6R0A600130-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 26.Jun.2012 Rev.001 www.rohm.com ●Electrical Characteristics BAxxCC0 Series (Unless otherwise specified, Ta=25℃, VCTL=5V, Io=500mA Setting *5) Parameter Symbol Limit Unit Conditions Min. Typ. Max. Output Voltage *6 Vo Vo(T)× 0.98 Vo(T) Vo(T)× 1.02 V Shut Down Current Isd - 0 10 μA VCTL=0V Bias Current Ib - 2.5 5.0 mA VCTL=2V, Io=0mA Dropout Voltage ΔVd - 0.3 0.5 V Vcc=Vo×0.95 Peak Output Current Io 1.0 - - A Ripple Rejection R.R. 45 55 - dB f=120Hz, ein *7=1Vrms, Io=100mA Line Regulation Reg.I - 20 100 mV Vcc=Vo(T)+1→25V Load Regulation Reg.L - 50 150 mV Io=5mA→1A Temperature Coefficient of Output Voltage *8 Tcvo - ±0.02 - %/℃ Io=5mA,Tj=0 to 125℃ Output Short Current Ios - 0.40 - A Vcc=25V ON Mode Voltage VthH 2.0 - - V ACTIVE MODE, Io=0mA OFF Mode Voltage VthL - - 0.8 V OFF MODE, Io=0mA Input High Current ICTL 100 200 300 μA VCTL=5V, Io=0mA BAxxDD0 series (Unless otherwise specified, Ta=25℃, VCTL=3V, Vcc=VCCT *9) Parameter Symbol Limit Unit Conditions Min. Typ. Max. Shut Down Current Isd - 0 10 μA VCTL=0V, Io=0mA Bias Current Ib - 0.9 2.0 mA Io=0mA Output Voltage *10 Vo Votyp× 0.99 Votyp Votyp× 1.01 V Io=200mA Dropout Voltage 1 *11 ΔVd1 - 0.3 0.5 V Vcc=0.95×Vo, Io=1A Dropout Voltage 2 *11 ΔVd2 - 0.45 0.7 V Vcc=0.95×Vo, Io=2A Peak Output Current Io 2.0 - - A Ripple Rejection R.R. - 55 - dB f=120Hz, ein *7 =-20dBV, Io=100mA Line Regulation Reg.I - 15 50 mV Vcc=VCCT *9 V→25V, Io=200mA Load Regulation Reg.L - 50 200 mV Io=0mA→2A Temperature Coefficient of Output Voltage *8 Tcvo - ±0.02 - %/℃ Io=5mA, Tj=0 to 125℃ CTL ON Mode Voltage Von 2.0 - Vcc V ACTIVE MODE, Io=0mA CTL OFF Mode Voltage Voff - - 0.8 V OFF MODE, Io=0mA CTL Input Current ICTL - 60 120 μA VCTL=3V, Io=0mA *5 Vo=3.3V:Vcc=8.3V, Vo=5V:Vcc=10V, Vo=6V:Vcc=11V , Vo=7V:Vcc=12V, Vo=8V:Vcc=13V, Vo=9V:Vcc=14V, Vo=12V:Vcc=17V *6 Vo(T)=3.3, 5.0, 6.0, 7.0, 8.0, 9.0,12V *7 ein : Input Voltage Ripple *8 Not 100% tested *9 Vo=1.5V,1.8V,2.5V,3.0V:VCCT =4.0V、Vo=3.3V,5.0V:VCCT =7.0V、Vo=9V:VCCT =12.0V、Vo=12V:VCCT =14.0V、Vo=16V:VCCT =18.0V) *10 Votyp=1.5V,1.8V,2.5V,3.0V,3.3V,5.0V,9.0V,12.0V,16.0V *11 Vo≧3.0V |
Similar Part No. - BAJ5CC0FP-E2 |
|
Similar Description - BAJ5CC0FP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |