Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAXXCC0WFP Datasheet(PDF) 15 Page - Rohm

Part # BAXXCC0WFP
Description  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAXXCC0WFP Datasheet(HTML) 15 Page - Rohm

Back Button BAXXCC0WFP Datasheet HTML 11Page - Rohm BAXXCC0WFP Datasheet HTML 12Page - Rohm BAXXCC0WFP Datasheet HTML 13Page - Rohm BAXXCC0WFP Datasheet HTML 14Page - Rohm BAXXCC0WFP Datasheet HTML 15Page - Rohm BAXXCC0WFP Datasheet HTML 16Page - Rohm BAXXCC0WFP Datasheet HTML 17Page - Rohm BAXXCC0WFP Datasheet HTML 18Page - Rohm BAXXCC0WFP Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Datasheet
15/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Operational Notes
1) Protection Circuits
Over-current Protection Circuit
A built-in over-current protection circuit corresponding to the current capacity prevents the destruction of the IC when there
are load shorts. This protection circuit is a “7”-shaped current control circuit that is designed such that the current is restricted
and does not latch even when a large current momentarily flows through the system with a high-capacitance capacitor.
However, while this protection circuit is effective for the prevention of destruction due to unexpected accidents, it is not
suitable for continuous operation or transient use. Please be aware when creating thermal designs that the overcurrent
protection circuit has negative current capacity characteristics with regard to temperature (Refer to Fig.6 and 18).
Thermal Shutdown Circuit (Thermal Protection)
This system has a built-in temperature protection circuit for the purpose of protecting the IC from thermal damage.
As shown above, this must be used within the range of acceptable loss, but if the acceptable loss happens to be
continuously exceeded, the chip temperature Tj increases, causing the temperature protection circuit to operate.
When the thermal shutdown circuit operates, the operation of the circuit is suspended. The circuit resumes operation
immediately after the chip temperature Tj decreases, so the output repeats the ON and OFF states (Please refer to
Fig.14 and 26 for the temperatures at which the temperature protection circuit operates).
There are cases in which the IC is destroyed due to thermal runaway when it is left in the overloaded state. Be sure to
avoid leaving the IC in the overloaded state.
Reverse Current
In order to prevent the destruction of the IC when a reverse current flows through the IC, it is recommended that a diode
be placed between the Vcc and Vo and a pathway be created so that the current can escape (Refer to Fig.35).
Fig.35 Bypass diode
2) This IC is bipolar IC that has a P-board (substrate) and P+ isolation layer between each devise, as shown in Fig.36. A
P-N junction is formed between this P-layer and the N-layer of each device, and the P-N junction operates as a parasitic
diode when the electric potential relationship is GND> Pin A, GND> Pin B, while it operates as a parasitic transistor when
the electric potential relationship is Pin B GND> Pin A. Parasitic devices are structurally inevitable in the IC. The
operation of parasitic devices induces mutual interference between circuits, causing malfunctions and eventually the
destruction of the IC. It is necessary to be careful not to use the IC in ways that would cause parasitic elements to
operate. For example, applying a voltage that is lower than the GND (P-board) to the input terminal.
Status of this document
The Japanese version of this document is formal specification. A customer may use this translation version only for a reference
to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority.
OUT
Vcc
CTL
GND
Reverse current
Fig.36 Example of the basic structure of a bipolar IC
(Pin A)
GND
N
P+
Resistor
Parasitic element
P
N
P
P+
N
(Pin A)
Parasitic element
or transistor
(Pin B)
GND
C
B
E
Parasitic element
GND
GND
N
P
N
P+
P+
Parasitic element
or transistor
(Pin B)
B
E
Transistor (NPN)
N
P
N
GND
C


Similar Part No. - BAXXCC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXCC0WFP ROHM-BAXXCC0WFP Datasheet
374Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
More results

Similar Description - BAXXCC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com