Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAXXCC0WT Datasheet(PDF) 13 Page - Rohm

Part # BAXXCC0WT
Description  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAXXCC0WT Datasheet(HTML) 13 Page - Rohm

Back Button BAXXCC0WT Datasheet HTML 9Page - Rohm BAXXCC0WT Datasheet HTML 10Page - Rohm BAXXCC0WT Datasheet HTML 11Page - Rohm BAXXCC0WT Datasheet HTML 12Page - Rohm BAXXCC0WT Datasheet HTML 13Page - Rohm BAXXCC0WT Datasheet HTML 14Page - Rohm BAXXCC0WT Datasheet HTML 15Page - Rohm BAXXCC0WT Datasheet HTML 16Page - Rohm BAXXCC0WT Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Datasheet
13/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●I/O equivalence circuit
<BAxxDD0xx Series>
<BAxxCC0xx Series>
Fig.27
Fig.28
●Power Dissipation
Vcc
CTL
39kΩ
2kΩ
31kΩ
10kΩ
Vcc
OUT
R2
R1
Vcc
CTL
25kΩ
25kΩ
10kΩ
OUT
R2
R1
Vcc
Fig.29
Fig.30
Fig.31
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature:Ta(
℃)
Mounted on a Rohm standard board
Board size : 70×70×1.6 ㎜
Copper foil area :7×7 ㎜
TO252-5θja=96.2(℃/W)
1.30
0
5
10
15
20
25
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
(1)20.0
(2)2.0
When using a maximum heat sick : θj-c=6.25(℃/W)
When using an IC alone : θj-6=62.5(℃/W)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
Ambient temperature:Ta(
℃)
Board size : 70×70×1.6 ㎜
3 (board contains a thermal via)
Board front copper foil area : 10.5×10.5 ㎜
2
①2-layer board (back surface copper foil area :15×15 ㎜
2)
②2-layer board (back surface copper foil area :70×70 ㎜
2)
③4-layer board (back surface copper foil area :70×70 ㎜
2)
③7.3W
②5.5W
①2.3W
HRP-5
TO220FP-5
TO252-5


Similar Part No. - BAXXCC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXCC0WT ROHM-BAXXCC0WT Datasheet
261Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BAXXCC0WT-V5 ROHM-BAXXCC0WT-V5 Datasheet
373Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
More results

Similar Description - BAXXCC0WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com