Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP5910JZZG2 Datasheet(PDF) 65 Page - Texas Instruments

Part # OMAP5910JZZG2
Description  This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5910JZZG2 Datasheet(HTML) 65 Page - Texas Instruments

Back Button OMAP5910JZZG2 Datasheet HTML 61Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 62Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 63Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 64Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 65Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 66Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 67Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 68Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 171 page
background image
Functional Overview
65
August 2002 -- Revised August 2004
SPRS197D
3.9
System DMA Controller
The System Direct Memory Access (DMA) controller transfers data between points in the memory space
without intervention by the MPU. The System DMA allows movements of data to and from internal memory,
external memory, and peripherals to occur in the background of MPU operation. It is designed to off-load the
block data transfer function from the MPU processor. The System DMA is configured by the MPU via the MPU
private peripheral bus.
The System DMA controller has nine independent general-purpose channels and seven ports that it may
transfer to/from. An additional tenth channel is dedicated for use with the LCD controller. Of the seven
available ports, the DMA transfers may occur between any two ports with the exception of the LCD port, which
may only be used as a destination with the EMIFF or IMIF as the source. For maximum transfer efficiency,
all nine channels are independent. This means that if multiple channels are exclusively accessing different
ports, then simultaneous transfers performed by the channels will occur uninhibited. If the multiple channels
are accessing common ports, however, some arbitration cycles will be necessary. Arbitration occurs in a
round-robin fashion with configurable priority for each channel (high or low).
The basic functional features of the system DMA controller are as follows:
Nine general-purpose and one dedicated (LCD) DMA channels
Round-robin arbitration scheme with programmable priorities
Concurrent DMA transfer capability
Start of transfer on peripheral request or host request
Byte-alignment and Byte-packing/unpacking capability
Burst transfer capability (IMIF, EMIFF, EMIFS, LCD, and Local ports)
Time-out counter for each DMA channel to prevent a channel locking on a memory location or peripheral.
Constant, post-incrementing, and Single- or Double-Indexed addressing modes
Autoinitialization for multiple block transfers without MPU intervention
Access available to all of the memory range (physical memory mapping and TIPB space)
Seven ports are available for different kinds of hardware resources.
--
EMIFS port (allowing access to external asynchronous memory or devices)
--
EMIFF port (allowing access to external SDRAM)
--
IMIF port (allowing access to 192K bytes of shared SRAM)
--
MPUI port (allowing access to DSP memory and peripherals)
--
TIPB port (allowing peripheral register access)
--
Local port (used for Host USB only)
--
LCD port (allowing transfers to the LCD controller)
Memory-to-memory transfer granularity of 8, 16, and 32 bits.


Similar Part No. - OMAP5910JZZG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910JZZG2 TI1-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   Dual-Core Processor
More results

Similar Description - OMAP5910JZZG2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
List of Unclassifed Man...
AOC-SLG3-2M2 ETC1-AOC-SLG3-2M2 Datasheet
947Kb / 19P
   The information in this user?셲 manual has been carefully reviewed and is believed to be accurate
logo
Freescale Semiconductor...
MC9S08AC60CFUE FREESCALE-MC9S08AC60CFUE Datasheet
2Mb / 350P
   The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MCR908JK3ECDWE FREESCALE-MCR908JK3ECDWE Datasheet
1Mb / 180P
   The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com