Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP5910JZZG2 Datasheet(PDF) 52 Page - Texas Instruments

Part # OMAP5910JZZG2
Description  This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5910JZZG2 Datasheet(HTML) 52 Page - Texas Instruments

Back Button OMAP5910JZZG2 Datasheet HTML 48Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 49Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 50Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 51Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 52Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 53Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 54Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 55Page - Texas Instruments OMAP5910JZZG2 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 171 page
background image
Functional Overview
52
August 2002 -- Revised August 2004
SPRS197D
Table 3--5. DSP Public Peripheral Registers (Accessible via MPUI Port)
MPU BASE ADDRESS
REGISTER SET
ACCESS
WIDTH
0xE101 1800
McBSP1 Registers
16
0xE101 2000
MCSI2 Registers
16
0xE101 2800
MCSI1 Registers
16
0xE101 7000
McBSP3 Registers
16
Table 3--6. MPU Configuration Registers
MPU BASE ADDRESS
REGISTER SET
ACCESS
WIDTH
0xFFFB C800
MPU UART TIPB Bus Switch Registers
16
0xFFFE 0800
Ultra Low-Power Device (ULPD) Registers
16
0xFFFE 1000
OMAP5910 Configuration Registers
32
0xFFFE 1800
Device Die Identification Registers
32
0xFFFE C100
Local Bus Control Registers
32
0xFFFE C200
Local Bus MMU Registers
32
0xFFFE C900
MPU Interface (MPUI) Registers
32
0xFFFE CA00
TIPB (Private) Bridge 1 Configuration Registers
32
0xFFFE CC00
Traffic Controller Registers
32
0xFFFE CE00
MPU Clock/Reset/Power Control Registers
32
0xFFFE CF00
DPLL1 Configuration Registers
32
0xFFFE D200
DSP MMU Registers
32
0xFFFE D300
TIPB (Public) Bridge 2 Configuration Registers
16
0xFFFE D400
JTAG Identification Registers
32
3.3
DSP Memory Maps
The DSP supports a unified program/data memory map (program and data accesses are made to the same
physical space), however peripheral registers are located in a separate I/O space which is accessed via the
DSP’s port instructions.
3.3.1 DSP Global Memory Map
The DSP Subsystem contains 160K bytes of on-chip SRAM (64K bytes of DARAM and 96K bytes of SARAM).
The MPU also has access to these memories via the MPUI (MPU Interface) port. The DSP also has access
to the shared system SRAM (192K bytes) and both EMIF spaces (EMIFF and EMIFS) via the DSP Memory
Management Unit (MMU) which is configured by the MPU.
Table 3--7 shows the high-level program/data memory map for the DSP subsystem. DSP data accesses
utilize 16-bit word addresses while DSP program fetches utilize byte addressing.
Table 3--7. DSP Global Memory Map
BYTE ADDRESS RANGE
WORD ADDRESS RANGE
INTERNAL MEMORY
EXTERNAL MEMORY
0x00 0000 -- 0x00 FFFF
0x00 0000 -- 0x00 7FFF
DARAM
64K bytes
0x01 0000 -- 0x02 7FFF
0x00 8000 -- 0x01 3FFF
SARAM
96K bytes
0x02 8000 -- 0x04 FFFF
0x01 4000 -- 0x02 7FFF
Reserved
0x05 0000 -- 0xFF 7FFF
0x02 8000 -- 0x7F BFFF
Managed by DSP MMU
0xFF 8000 -- 0xFF FFFF
0x7F C000 -- 0x7F FFFF
PDROM
(MPNMC = 0)
Managed by DSP MMU
(MPNMC =1)
This space could be external memory or internal shared system memory depending on the DSP MMU configuration.


Similar Part No. - OMAP5910JZZG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910JZZG2 TI1-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   Dual-Core Processor
More results

Similar Description - OMAP5910JZZG2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
List of Unclassifed Man...
AOC-SLG3-2M2 ETC1-AOC-SLG3-2M2 Datasheet
947Kb / 19P
   The information in this user?셲 manual has been carefully reviewed and is believed to be accurate
logo
Freescale Semiconductor...
MC9S08AC60CFUE FREESCALE-MC9S08AC60CFUE Datasheet
2Mb / 350P
   The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MCR908JK3ECDWE FREESCALE-MCR908JK3ECDWE Datasheet
1Mb / 180P
   The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com