Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCLAMP0511T.TCT Datasheet(PDF) 3 Page - Samtec, Inc

Part No. UCLAMP0511T.TCT
Description  Low Profile μClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

UCLAMP0511T.TCT Datasheet(HTML) 3 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0511T
Non-Repetitive Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current
Normalized Junction Capacitance vs. Reverse Voltage
Typical Insertion Loss (S21)
ESD Clamping (Pin 1 to 2 and 2 to 1)
(-8kV Contact per IEC 61000-4-2)
Note: Data is taken with a 10x attenuator
ESD Clamping (Pin 1 to 2 and 2 to 1)
(8kV Contact per IEC 61000-4-2)
Note: Data is taken with a 10x attenuator
0.01
0.1
1
10
0.1
1
10
100
Pulse Duration - tp (us)
0
0.2
0.4
0.6
0.8
1
1.2
01
23
45
Reverse Voltage - V
R (V)
f = 1MHz
0.00
5.00
10.00
15.00
00.5
1
1.5
22.5
3
Peak Pulse Current - I
PP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
1 2
3
4
5
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -0.9412 dB
800 MHz
2: -1.315 dB
800 MHz
3: -16.289 dB
1.8 GHz
4: -10.05 dB
2.5 GHz
5: -8.6364 dB
2.7 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
-42 dB
-48 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn