Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCLAMP0511T.TCT Datasheet(PDF) 2 Page - Samtec, Inc

Part No. UCLAMP0511T.TCT
Description  Low Profile μClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

UCLAMP0511T.TCT Datasheet(HTML) 2 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0511T
Absolute Maximum Rating
Electrical Characteristics (T=25oC)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
1
o
t
2
r
o
2
o
t
1
n
i
P5
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=
1
o
t
2
r
o
2
o
t
1
n
i
P
62
.
85
.
9V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
3
.
3
=
1
o
t
2
r
o
2
o
t
1
n
i
P
30
5A
n
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
μ
0
2
/
8
=
p
t
,
A
2
=
1
o
t
2
r
o
2
o
t
1
n
i
P
5
1V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
z
H
M
1
=
f
,
V
0
=4
7
F
p
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
5
1
-
/
+
8
-
/
+
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn