Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCLAMP0511T.TCT Datasheet(PDF) 1 Page - Samtec, Inc

Part No. UCLAMP0511T.TCT
Description  Low Profile μClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

UCLAMP0511T.TCT Datasheet(HTML) 1 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS - MicroClampTM
uClamp0511T
Low Profile μClampTM
1-Line ESD protection
Description
Features
Dimensions
Schematic & PIN Configuration
Revision 07/1/2008
The μClampTM series of TVS arrays are designed to pro-
tect sensitive electronics from damage or latch-up due
to ESD. It is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones, note-
book computers, and other portable electronics. It fea-
tures large cross-sectional area junctions for conducting
high transient currents. They offer desirable character-
istics for board level protection including fast response
time, low operating and clamping voltage, and no device
degradation.
The μClampTM0511T is in a 2-pin, RoHS/WEEE compli-
ant, SLP1006P2T package. It measures 1.0 x 0.6 mm
with a nominal height of only 0.4mm. The leads are
spaced at a pitch of 0.65mm and are finished with
lead-free NiPdAu. Each device will protect one line
operating at 5 volts. It gives the designer the flexibility
to protect single lines in applications where arrays are
not practical. They may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge). The combination
of small size and high ESD surge capability makes
them ideal for use in portable applications such as
cellular phones, digital cameras, and MP3 players.
Applications
Mechanical Characteristics
Cellular Handsets & Accessories
Keypads, Side Keys, USB 2.0, LCD Displays
Notebooks & Desktop Computers
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
Ultra-small package (1.0 x 0.6 x 0.4mm)
Protects one data or power line
Low reverse current: 3nA typical (VR=3.3V)
Working voltage: - 5V / +5V
Low capacitance: 4pF typical
Solid-state silicon-avalanche technology
SLP1006P2T package
RoHS/WEEE Compliant
Nominal Dimensions: 1.0 x 0.6 x 0.4 mm
Lead Finish: NiPdAu
Molding compound flammability rating: UL 94V-0
Marking : Marking code, cathode band
Packaging : Tape and Reel
SLP1006P2T (Bottom View)
Nominal Dimensions (mm)
0.65
0.40
0.60
1.0
2
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn