Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCLAMP0511T.TCT Datasheet(PDF) 7 Page - Samtec, Inc

Part No. UCLAMP0511T.TCT
Description  Low Profile μClampTM 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

UCLAMP0511T.TCT Datasheet(HTML) 7 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0511T
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking Code
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
t
l
o
V
r
e
p
y
t
Q
l
e
e
R
l
e
e
R
e
z
i
S
T
C
T
.
T
1
1
5
0
p
m
a
l
C
uV
50
0
0
,
3h
c
n
I
7
Notes:
1) This is a lead-free, RoHS/WEEE compliant product
MicroClamp, uClamp and μClamp are marks of Semtech
Corporation
Tape and Reel Specification
e
p
a
T
h
t
d
i
W
)
x
a
M
(
,
BD
1
DE
F
P
0
P2
PT
W
m
m
8
m
m
2
.
4
)
5
6
1
.(
m
m
1
.
0
+
5
.
1
m
m
0
.
0
-
5
0
0
.
+
9
5
.
0
(
)
0
0
0
.
-
m
m
4
.
0
5
2
.
0
±
)
1
3
0
.(
0
1
.
±
0
5
7
.
1
m
m
)
4
0
0
.
±
9
6
0
.(
5
0
.
0
±
5
.
3
m
m
)
2
0
0
.
±
8
3
1
.(
0
1
.
0
±
0
.
4
m
m
-
0
0
.
±
7
5
1
.(
)
4
1
.
0
±
0
.
4
m
m
-
0
0
.
±
7
5
1
.(
)
4
5
0
.
0
±
0
.
2
m
m
)
2
0
0
.
±
9
7
0
.(
2
0
.
0
±
4
5
2
.
0
)
6
1
0
.(
m
m
m
m
0
.
8
m
m
3
.
0
+
m
m
1
.
0
-
)
2
1
0
.
±
2
1
3
.(
0
A0
B0
K
m
m
0
1
.
0
-
/
+
9
6
.
0m
m
0
1
.
0
-
/
+
9
1
.
1m
m
0
1
.
0
-
/
+
6
6
.
0
Device Orientation in Tape
88
PIN 1 ID
Pin 1 Location
User Direction of feed
Notes:
1)Device is electrically symmetrical


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn