Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500i-ABZJ-TR Datasheet(PDF) 42 Page - SMSC Corporation

Part # LAN9500i-ABZJ-TR
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500i-ABZJ-TR Datasheet(HTML) 42 Page - SMSC Corporation

Back Button LAN9500i-ABZJ-TR Datasheet HTML 38Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 39Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 40Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 41Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 42Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 43Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 44Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 45Page - SMSC Corporation LAN9500i-ABZJ-TR Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
42
SMSC LAN950x Family
DATASHEET
The Host Processor is connected to a Chipset containing the Host USB Controller (HC). The USB Host
Controller interfaces to the device via the DP/DM USB signals. An Embedded Controller (EC) signals
the Chipset and the Host processor to power up via an Enable signal. The EC interfaces to the device
via four signals. The PME signal is an input to the EC from the device that indicates the occurrence
of a wakeup event. The VBUS_DET output of the EC is used to indicate bus power availability. The
PME_CLEAR (nRESET) signal is used to clear the PME. The PME_MODE_SEL signal is sampled by
the device when PME_CLEAR (nRESET) is asserted and is used by the device to determine whether
it should remain in PME mode or resume normal operation.
GPIO pins are used for PME handling. The pins used depend on the value of the PHY_SEL pin, which
determines PHY mode of operation. In Internal PHY mode of operation, GPIO0 is reserved for use as
an output to signal the PME. GPIO1 is reserved for use as the PME_MODE_SEL input. GPIO8 and
GPIO9 are reserved for analogous use, respectively, in External PHY mode of operation.
The application scenario in Figure 6.1 assumes that the Host Processor and the Chipset are powered
off, the EC is operational, and the device is in PME mode, waiting for a wake event to occur. A wake
event will result in the device signaling a PME event to the EC, which will then wake up the Host
Processor and Chipset via the Enable signal. The EC asserts VBUS_DET after the USB bus is
powered, sets PME_MODE_SEL to determine whether the device is to begin normal operation or
continue in PME mode, and asserts PME_CLEAR (nRESET) to clear the PME.
The following wake events are supported:
Wakeup Pin(s)
The GPIO pins not reserved for PME handling have the capability to wake up the device when
operating in PME mode. In order for a GPIO to generate a wake event, it’s enable bit must be set
in the GPI010:8 Wakeup Enables or GPIO7:0 Wakeup Enables bytes of the EEPROM, as
appropriate. During PME mode of operation, the GPIOs used for signaling (GPIOs 0 and 1 or
GPIOs 8 and 9) are not affected by the values set in the corresponding bits of GPI010:8 Wakeup
Enables or GPIO7:0 Wakeup Enables.
GPIO10 is available as a wakeup pin in External PHY mode, while GPIOs 2 - 10 are available in
Internal PHY Mode. The GPIO10 Detection Select bit in the GPIO PME Flags byte of the EEPROM
sets the detection mode for GPIO10 in both External and Internal PHY mode (if set in GPI010:8
Wakeup Enables), while GPIOs 2 - 9 are fixed as active low when operating in Internal PHY mode.
Magic Packet
Reception of a Magic Packet when in PME mode will result in a PME being asserted.
PHY Link Up
Detection of a PHY link partner when in PME mode will result in a PME being asserted.
In order to facilitate PME mode of operation, the GPIO PME Enable bit in the GPIO PME Flags field,
must be set and all remaining GPIO PME Flags field bits must be appropriately configured for pulse
or level signaling, buffer type, and GPIO PME WOL selection. The PME event is signaled on GPIO0
(External PHY mode) or GPIO8, depending on the PHY Mode of operation.
The PME_MODE_SEL pin (GPIO1 in Internal Mode of operation, GPIO9 in External Mode of
operation) must be driven to the value that determines whether or not the device remains in PME mode
of operation (1) or resumes normal operation (0) when the PME is recognized and cleared by the EC
via PME_CLEAR (nRESET) assertion.
Note: When in PME mode, nRESET or POR will always cause the contents of the EEPROM to be
reloaded.
Note: GPIO10 may be used in PME and External PHY mode to connect to an external PHY’s Link
LED, in order to generate a PHY Link Up wake event.


Similar Part No. - LAN9500i-ABZJ-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500I MICROCHIP-LAN9500I Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500i-ABZJ-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com