Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500I Datasheet(PDF) 36 Page - SMSC Corporation

Part # LAN9500I
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500I Datasheet(HTML) 36 Page - SMSC Corporation

Back Button LAN9500I Datasheet HTML 32Page - SMSC Corporation LAN9500I Datasheet HTML 33Page - SMSC Corporation LAN9500I Datasheet HTML 34Page - SMSC Corporation LAN9500I Datasheet HTML 35Page - SMSC Corporation LAN9500I Datasheet HTML 36Page - SMSC Corporation LAN9500I Datasheet HTML 37Page - SMSC Corporation LAN9500I Datasheet HTML 38Page - SMSC Corporation LAN9500I Datasheet HTML 39Page - SMSC Corporation LAN9500I Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
36
SMSC LAN950x Family
DATASHEET
0050h
00 02 FF 00 FF 40 24 04
0058h
00 9E 00 01 01 02 03 01
0060h
09 02 27 00 01 01 00 A0
0068h
FA 09 04 00 00 03 FF 00
0070h
FF 00 12 01 00 02 FF 00
0078h
FF 40 24 04 00 9E 00 01
0080h
01 02 03 01 09 02 27 00
0088h
01 01 00 A0 FA 09 04 00
0090h - 00FFh
00 03 FF 00 FF 00 .........
Table 5.8 EEPROM Example - 256 Byte EEPROM - LAN9500A/LAN9500Ai
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION
00h
A5
EEPROM Programmed Indicator
01h - 06h
12 34 56 78 9A BC
MAC Address 12 34 56 78 9A BC
07h
01
Full-Speed Polling Interval for Interrupt Endpoint (1ms)
08h
04
Hi-Speed Polling Interval for Interrupt Endpoint (4ms)
09h
04
Configuration Flags - No PHY Boost, the device is bus powered and
supports remote wakeup, nSPD_LED = Speed Indicator, nLNKA_LED =
Link and Activity Indicator, nFDX_LED = Full Duplex Link Indicator.
0Ah - 0Bh
09 04
Language ID Descriptor 0409h, English
0Ch
0A
Manufacturer ID String Descriptor Length (10 bytes)
0Dh
11
Manufacturer ID String Descriptor EEPROM Word Offset (11h)
Corresponds to EEPROM Byte Offset 22h
0Eh
12
Product Name String Descriptor Length (18 bytes)
0Fh
16
Product Name String Descriptor EEPROM Word Offset (16h)
Corresponds to EEPROM Byte Offset 2Ch
10h
10
Serial Number String Descriptor Length (16 bytes)
11h
1F
Serial Number String Descriptor EEPROM Word Offset (1Fh)
Corresponds to EEPROM Byte Offset 3Eh
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
Table 5.7 Dump of EEPROM Memory - LAN9500A/LAN9500Ai (continued)
OFFSET
BYTE
VALUE


Similar Part No. - LAN9500I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500I MICROCHIP-LAN9500I Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com