Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500A Datasheet(PDF) 27 Page - SMSC Corporation

Part # LAN9500A
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500A Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LAN9500A Datasheet HTML 23Page - SMSC Corporation LAN9500A Datasheet HTML 24Page - SMSC Corporation LAN9500A Datasheet HTML 25Page - SMSC Corporation LAN9500A Datasheet HTML 26Page - SMSC Corporation LAN9500A Datasheet HTML 27Page - SMSC Corporation LAN9500A Datasheet HTML 28Page - SMSC Corporation LAN9500A Datasheet HTML 29Page - SMSC Corporation LAN9500A Datasheet HTML 30Page - SMSC Corporation LAN9500A Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
27
Revision 1.1 (04-18-13)
DATASHEET
Note: EEPROM byte addresses past the indicated address can be used to store data for any
purpose:
LAN9500/LAN9500i - 1Dh
LAN9500A/LAN9500Ai - 20h
09h
Configuration Flags
0Ah
Language ID Descriptor [7:0]
0Bh
Language ID Descriptor [15:8]
0Ch
Manufacturer ID String Descriptor Length (bytes)
0Dh
Manufacturer ID String Descriptor EEPROM Word Offset
0Eh
Product Name String Descriptor Length (bytes)
0Fh
Product Name String Descriptor EEPROM Word Offset
10h
Serial Number String Descriptor Length (bytes)
11h
Serial Number String Descriptor EEPROM Word Offset
12h
Configuration String Descriptor Length (bytes)
13h
Configuration String Descriptor Word Offset
14h
Interface String Descriptor Length (bytes)
15h
Interface String Descriptor Word Offset
16h
Hi-Speed Device Descriptor Length (bytes)
17h
Hi-Speed Device Descriptor Word Offset
18h
Hi-Speed Configuration and Interface Descriptor Length (bytes)
19h
Hi-Speed Configuration and Interface Descriptor Word Offset
1Ah
Full-Speed Device Descriptor Length (bytes)
1Bh
Full-Speed Device Descriptor Word Offset
1Ch
Full-Speed Configuration and Interface Descriptor Length (bytes)
1Dh
Full-Speed Configuration and Interface Descriptor Word Offset
1Eh
(LAN9500A/LAN9500Ai Only)
GPIO7:0 Wakeup Enables
Bit x = 0 -> GPIOx Pin Disabled for Wakeup Use.
Bit x = 1 -> GPIOx Pin Enabled for Wakeup Use.
1Fh
(LAN9500A/LAN9500Ai Only)
GPI010:8 Wakeup Enables
Bit x = 0 -> GPIO(x+8) Pin Disabled for Wakeup Use.
Bit x = 1 -> GPIO(x+8) Pin Enabled for Wakeup Use.
Note:
Bits 7:3 Unused.
20h
(LAN9500A/LAN9500Ai Only)
GPIO PME Flags
Table 5.1 EEPROM Format (continued)
EEPROM ADDRESS
EEPROM CONTENTS


Similar Part No. - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500A SMSC-LAN9500A Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Microchip Technology
LAN9500A MICROCHIP-LAN9500A Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9500AI MICROCHIP-LAN9500AI Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com