Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8710A Datasheet(PDF) 74 Page - SMSC Corporation

Part # LAN8710A
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A Datasheet(HTML) 74 Page - SMSC Corporation

Back Button LAN8710A Datasheet HTML 70Page - SMSC Corporation LAN8710A Datasheet HTML 71Page - SMSC Corporation LAN8710A Datasheet HTML 72Page - SMSC Corporation LAN8710A Datasheet HTML 73Page - SMSC Corporation LAN8710A Datasheet HTML 74Page - SMSC Corporation LAN8710A Datasheet HTML 75Page - SMSC Corporation LAN8710A Datasheet HTML 76Page - SMSC Corporation LAN8710A Datasheet HTML 77Page - SMSC Corporation LAN8710A Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
74
SMSC LAN8710A/LAN8710Ai
DATASHEET
Note 5.17 40ns for 100BASE-TX operation, 400ns for 10BASE-T operation.
Note 5.18 Timing was designed for system load between 10 pf and 25 pf.
Figure 5.5 MII Transmit Timing
Table 5.9 MII Transmit Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
TXCLK period
Note 5.17
ns
tclkh
TXCLK high time
tclkp*0.4
tclkp*0.6
ns
tclkl
TXCLK low time
tclkp*0.4
tclkp*0.6
ns
tsu
TXD[3:0], TXEN setup time to rising edge of
TXCLK
12.0
ns
Note 5.18
thold
TXD[3:0], TXEN hold time after rising edge of
TXCLK
0ns
Note 5.18
TXCLK
tsu
TXD[3:0]
TXEN
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
thold


Similar Part No. - LAN8710A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710AI MICROCHIP-LAN8710AI Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8710AI-EZK MICROCHIP-LAN8710AI-EZK Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
More results

Similar Description - LAN8710A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com