Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLC-22YY Datasheet(PDF) 1 Page - Rohm

Part No. SLC-22YY
Description  SLC-22 Series
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

SLC-22YY Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
Viewing angle 2
θ 1/2 /
115 : Standard
*:Duty1/5, 200Hz
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLC-22VR
GaAsP
on GaP
Red
60
20
60
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
0.9
2.5
10
SLC-22DU
Orange
605
0.56
1.6
SLC-22YY
Yellow
2.1
587
0.9
2.5
SLC-22MG
GaP
Yellowish
Green
75
25
572
10
1.0
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE
:VF (V)
Ta=25°C
SLC-22VR
SLC-22DU
SLC-22YY
SLC-22MG
SLC-22VR
SLC-22DU
SLC-22YY
SLC-22MG
Ta=25°C
10
1.0
0.1
1
10
100
0.1
FORWARD CURRENT
:IF (mA)
SLC-22VR
SLC-22DU
SLC-22YY
SLC-22MG
20
10
0
-40
-20
0
40
20
60
80
100
30
AMBIENT TEMPERATURE
:Ta ( C)
SLC-22VR
SLC-22DU
SLC-22YY
SLC-22MG
Cathode
(2.5)
□0.5
φ2.0
φ3.8
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
2.5 or 5.0
2.0
1.0 ±0.1
Directivity (deg)
RELATIVE INTENSITY (%)
Tolerance :
±0.2
(unit : mm)(unit : mm)
Electrical Characteristics Curves
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Forward Current-Forward Voltage
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
Features
・Viewing angle 2θ 1/2 : 115°
Color
Type
V
D
Y
M
SLC-22 Series
1/2
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn