Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLC-22YY Datasheet(PDF) 2 Page - Rohm

Part No. SLC-22YY
Description  SLC-22 Series
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

SLC-22YY Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLC-22 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22VR
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22MG
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22YY
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22DU
Orange (D)
Yellow (Y)
Green (M)
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
2/2
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn