Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-210LTT86 Datasheet(PDF) 5 Page - Rohm

Part # SML-210LTT86
Description  Small, chip LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-210LTT86 Datasheet(HTML) 5 Page - Rohm

  SML-210LTT86 Datasheet HTML 1Page - Rohm SML-210LTT86 Datasheet HTML 2Page - Rohm SML-210LTT86 Datasheet HTML 3Page - Rohm SML-210LTT86 Datasheet HTML 4Page - Rohm SML-210LTT86 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SML-210 Series
LED lamps
5/5
1
2
2.4
3
4
5
6
PULSE DURATION : Tw
(
µs)
10
520
50 10
2
10
3
10
4
Fig. 23 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Fig. 24 Luminous intensity vs.
peak forward current
f =1kHz
DC
15%
20%
10%
5%
DF = 50%
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Fig. 25 Maximum forward current
vs. ambient temperature
!
!
!
!
Electrical characteristics curves 5 (SML-210MT, SML-210FT, SML-210PT) (green)
FORWARD VOLTAGE : VF
(V)
Fig. 26 Forward current vs.
forward voltage
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
Ta=25˚C
Fig. 27 Luminous intensity vs.
case temperature
CASE TEMPERATURE : Tc
(˚C)
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
20
0
60
80
1.6
IF=20mA
SML-210PT
SML-210MT,FT
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.5
1
2
510
20
50
100
5
FORWARD CURRENT : IF
(
mA)
Fig. 28 Luminous intensity vs.
forward current
Ta=25˚C
SML-210MT, FT
SML-210PT
1
2
2.4
3
4
5
6
PULSE DURATION : Tw
(
µs)
10
520
50 10
2
10
3
10
4
Fig.29 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Fig. 30 Luminous intensity vs.
peak forward current
f =1kHz
DC
15%
20%
10%
5%
DF = 50%
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Fig. 31 Maximum forward current
vs. ambient temperature


Similar Part No. - SML-210LTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210LT ROHM-SML-210LT Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210LT ROHM-SML-210LT Datasheet
95Kb / 5P
   Small, chip LEDs
logo
List of Unclassifed Man...
SML-210LT ETC1-SML-210LT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-210LT ROHM-SML-210LT Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210LT ROHM-SML-210LT Datasheet
103Kb / 5P
   Small, chip LEDs
More results

Similar Description - SML-210LTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210MT ROHM-SML-210MT Datasheet
95Kb / 5P
   Small, chip LEDs
SML-210FTT86 ROHM-SML-210FTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML311EBT ROHM-SML311EBT Datasheet
97Kb / 3P
   Small,chip LEDs (Blue.Green)
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
   Two-color chip LEDs, super small type
logo
List of Unclassifed Man...
CL-165HRYG-D ETC1-CL-165HRYG-D Datasheet
355Kb / 8P
   ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com