Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM-075PT Datasheet(PDF) 1 Page - Rohm

Part # RPM-075PT
Description  Phototransistor, surface mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM-075PT Datasheet(HTML) 1 Page - Rohm

  RPM-075PT Datasheet HTML 1Page - Rohm RPM-075PT Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RPM-075PT
Sensors
1/2
Phototransistor, surface mount type
RPM-075PT
Quite new phototransistor which peak sensitivity is designed as same level as human eye. Best sensor to detect
illuminance. (Peak sensitivity is 600nm.) Small and light weight package which can be used for reflow soldering and Pd
free soldering.
!
!
!
!
Application
Control of lighting cellular phones, LCD displays, etc.
Control of strobe. (DSC, camcorder, etc.)
!
!
!
!
Features
1) Best sensor to detect illuminance.
(Peak sensitivity is 600nm.)
2) Small (2125) and light weight package (3mg) which
can be used for reflow soldering and Pd free
soldering.
3) Linear against wide range of illuminance from a few
Lx to 10000Lx over.
4) Use Si good for an environ ment. (not CdS)
!
!
!
!
External dimensions (Units : mm)
1.2
2.0 +
0.2
−0
1.4
(0.15)
Emitter mark
Unspecified tolerance
shall be
±0.1
1
2
1
2
Emitter
Collector
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature
Parameter
Symbol
VCEO
VECO
IC
PC
Topr
Tstg
Limits
20
5
10
50
−30∼+85
−40∼+100
Unit
V
V
mA
mW
˚C
˚C
!
!
!
!
Electrical and optical characteristics (Ta=25
°C)
Dark current
Light current
Peak sensitivity wavelength
Collector-emitter saturation voltage
Response time
Half-angle
Parameter
Symbol
IC
ICEO
λP
VCE(sat)
θ1/2
tr·tf
Min.
0.25
Typ.
0.4
600
±60
10
Max.
0.6
0.5
0.4
Unit
mA
VCE
=5V, E=500Lx
VCE
=10V (Black box)
IC
=0.1mA, E=500Lx
VCC
=5V, IC=1mA, RL=100Ω
µA
nm
V
deg
µs
Conditions


Similar Part No. - RPM-075PT

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
   Phototransistor, surface mount type
More results

Similar Description - RPM-075PT

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
   Phototransistor, surface mount type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
   Surface Mount Phototransistor/2125 Type
logo
Sharp Corporation
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
   Surface Mount Type, Transparent Resin Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
PS1102FA STANLEY-PS1102FA Datasheet
186Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
PS1101WA STANLEY-PS1101WA Datasheet
184Kb / 10P
   Surface Mount Phototransistor/Flat Lenz Type
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
   Surface Mount Phototransistor/Dome Lenz Type
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
logo
OPTEK Technologies
OPR5500 OPTEK-OPR5500 Datasheet
121Kb / 1P
   Surface Mount Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com