Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF04F150S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFPF04F150S
Description  DAMPER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF04F150S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF04F150S Datasheet HTML 1Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 2Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 3Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
DAMPER DIODE
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
1500
V
IF(AV)
Average Rectified Forward Current
@ TC = 125°C4
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
40
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
5.0
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 4A
I F = 4A
TC = 25 °C
TC = 125 °C
-
-
-
-
1.5
1.4
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
-
-
-
-
5
250
µA
trr
Maximum Reverse Recovery Time
(IF =1A, di/dt = 50A/µs)
--
170
ns
tfr
Maximum Forward Recovery Time
(IF =6.5A, di/dt = 50A/µs)
--
450
ns
VFRM
Maximum Forward Recovery Voltage
-
-
19
V
FFPF04F150S
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
TO-220F
1
2
1. Cathode
2. Anode
Applications
• Suitable for damper diode in horizontal
deflection circuits


Similar Part No. - FFPF04F150S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF04S60STU FAIRCHILD-FFPF04S60STU Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF04U40DN FAIRCHILD-FFPF04U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF04U40DP FAIRCHILD-FFPF04U40DP Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Similar Description - FFPF04F150S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
logo
Fairchild Semiconductor
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
   DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
   DAMPER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com