Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ128GA006 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC24FJ128GA006
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA006 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC24FJ128GA006 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 9Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 10Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 11Page - Microchip Technology PIC24FJ128GA006 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 258 page
background image
PIC24FJ128GA010 FAMILY
DS39747F-page 8
 2005-2012 Microchip Technology Inc.
1.1.4
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device. This is true when moving between devices with
the same pin count, or even jumping from 64-pin to
80-pin to 100-pin devices.
The PIC24F family is pin-compatible with devices in the
dsPIC33 family, and shares some compatibility with the
pinout schema for PIC18 and dsPIC30. This extends
the ability of applications to grow from the relatively
simple, to the powerful and complex, yet still selecting
a Microchip device.
1.2
Other Special Features
• Communications: The PIC24FJ128GA010
family incorporates a range of serial communica-
tion peripherals to handle a range of application
requirements. All devices are equipped with two
independent UARTs with built-in IrDA
encoder/decoders. There are also two indepen-
dent SPI modules, and two independent I2C
modules that support both Master and Slave
modes of operation.
• Parallel Master/Enhanced Parallel Slave Port:
One of the general purpose I/O ports can be
reconfigured for enhanced parallel data communi-
cations. In this mode, the port can be configured
for both master and slave operations, and
supports 8-bit and 16-bit data transfers with up to
16 external address lines in Master modes.
• Real-Time Clock/Calendar: This module
implements a full-featured clock and calendar with
alarm functions in hardware, freeing up timer
resources and program memory space for use of
the core application.
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period, as
well as faster sampling speeds.
1.3
Details on Individual Family
Members
Devices in the PIC24FJ128GA010 family are available
in 64-pin, 80-pin and 100-pin packages. The general
block diagram for all devices is shown in Figure 1-1.
The devices are differentiated from each other in two
ways:
1.
Flash
program memory (64 Kbytes
for
PIC24FJ64GA
devices,
96
Kbytes
for
PIC24FJ96GA devices and 128 Kbytes for
PIC24FJ128GA devices).
2.
Available I/O pins and ports (53 pins on 6 ports for
64-pin devices, 69 pins on 7 ports for 80-pin
devices and 84 pins on 7 ports for 100-pin
devices). Note also that, since interrupt-on-change
inputs are available on every I/O pin for this family
of devices, the number of CN inputs also differs
between package sizes.
All other features for devices in this family are identical.
These are summarized in Table 1-1.
A list of the pin features available on the
PIC24FJ128GA010 family devices, sorted by function,
is shown in Table 1-2. Note that this table shows the pin
location of individual peripheral features and not how
they are multiplexed on the same pin. This information
is provided in the pinout diagrams in the beginning of
the data sheet. Multiplexed features are sorted by the
priority given to a feature, with the highest priority
peripheral being listed first.


Similar Part No. - PIC24FJ128GA006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ128GA006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA108-I MICROCHIP-PIC24FJ64GA108-I Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
08/04/10
PIC24FJ128GA010-IPF MICROCHIP-PIC24FJ128GA010-IPF Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_09 Datasheet
3Mb / 240P
   64/80/100-Pin General Purpose, 16-Bit Flash Microcontrollers
2009
PIC24FJ64GA006-I MICROCHIP-PIC24FJ64GA006-I Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA006-IPT MICROCHIP-PIC24FJ128GA006-IPT Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
5Mb / 22P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ192GA106-I MICROCHIP-PIC24FJ192GA106-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110-I MICROCHIP-PIC24FJ256GA110-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com